Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91SAM7X512 Datasheet(PDF) 70 Page - ATMEL Corporation

Part # AT91SAM7X512
Description  AT91 ARM Thumb-based Microcontrollers
PDF  687 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7X512 Datasheet(HTML) 70 Page - ATMEL Corporation

Back Button AT91SAM7X512 Datasheet HTML 66Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 67Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 68Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 69Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 70Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 71Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 72Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 73Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 74Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 687 page
background image
70
6120H–ATARM–17-Feb-09
AT91SAM7X512/256/128 Preliminary
13.3.2
Reset Controller Status Register
Register Name:
RSTC_SR
Access Type:
Read-only
• URSTS: User Reset Status
0 = No high-to-low edge on NRST happened since the last read of RSTC_SR.
1 = At least one high-to-low transition of NRST has been detected since the last read of RSTC_SR.
• BODSTS: Brownout Detection Status
0 = No brownout high-to-low transition happened since the last read of RSTC_SR.
1 = A brownout high-to-low transition has been detected since the last read of RSTC_SR.
• RSTTYP: Reset Type
Reports the cause of the last processor reset. Reading this RSTC_SR does not reset this field.
• NRSTL: NRST Pin Level
Registers the NRST Pin Level at Master Clock (MCK).
• SRCMP: Software Reset Command in Progress
0 = No software command is being performed by the reset controller. The reset controller is ready for a software command.
1 = A software reset command is being performed by the reset controller. The reset controller is busy.
31
30
29
28
27
26
25
24
––––––––
23
22
21
20
19
18
17
16
––––––
SRCMP
NRSTL
15
14
13
12
11
10
9
8
–––––
RSTTYP
76543210
––––––
BODSTS
URSTS
RSTTYP
Reset Type
Comments
0
0
0
Power-up Reset
VDDCORE rising
0
1
0
Watchdog Reset
Watchdog fault occurred
0
1
1
Software Reset
Processor reset required by the software
1
0
0
User Reset
NRST pin detected low
1
0
1
Brownout Reset
Brownout reset occurred



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com