Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91SAM7X512 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT91SAM7X512
Description  AT91 ARM Thumb-based Microcontrollers
PDF  687 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7X512 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT91SAM7X512 Datasheet HTML 1Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 2Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 3Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 4Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 5Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 6Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 7Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 8Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 687 page
background image
Features
• Incorporates the ARM7TDMI® ARM® Thumb® Processor
– High-performance 32-bit RISC Architecture
– High-density 16-bit Instruction Set
• Leader in MIPS/Watt
– EmbeddedICE™ In-circuit Emulation, Debug Communication Channel Support
• Internal High-speed Flash
– 512 Kbytes (AT91SAM7X512) Organized in Two Banks of 1024 Pages of
256 Bytes (Dual Plane)
– 256 Kbytes (AT91SAM7X256) Organized in 1024 Pages of 256 Bytes (Single Plane)
– 128 Kbytes (AT91SAM7X128) Organized in 512 Pages of 256 Bytes (Single Plane)
• Single Cycle Access at Up to 30 MHz in Worst Case Conditions
• Prefetch Buffer Optimizing Thumb Instruction Execution at Maximum Speed
• Page Programming Time: 6 ms, Including Page Auto-erase,
Full Erase Time: 15 ms
• 10,000 Write Cycles, 10-year Data Retention Capability,
Sector Lock Capabilities, Flash Security Bit
• Fast Flash Programming Interface for High Volume Production
• Internal High-speed SRAM, Single-cycle Access at Maximum Speed
– 128 Kbytes (AT91SAM7X512)
– 64 Kbytes (AT91SAM7X256)
– 32 Kbytes (AT91SAM7X128)
• Memory Controller (MC)
– Embedded Flash Controller, Abort Status and Misalignment Detection
• Reset Controller (RSTC)
– Based on Power-on Reset Cells and Low-power Factory-calibrated Brownout
Detector
– Provides External Reset Signal Shaping and Reset Source Status
• Clock Generator (CKGR)
– Low-power RC Oscillator, 3 to 20 MHz On-chip Oscillator and one PLL
• Power Management Controller (PMC)
– Power Optimization Capabilities, Including Slow Clock Mode (Down to 500 Hz) and
Idle Mode
– Four Programmable External Clock Signals
• Advanced Interrupt Controller (AIC)
– Individually Maskable, Eight-level Priority, Vectored Interrupt Sources
– Two External Interrupt Sources and One Fast Interrupt Source, Spurious Interrupt
Protected
• Debug Unit (DBGU)
– 2-wire UART and Support for Debug Communication Channel interrupt,
Programmable ICE Access Prevention
– Mode for General Purpose 2-wire UART Serial Communication
• Periodic Interval Timer (PIT)
– 20-bit Programmable Counter plus 12-bit Interval Counter
• Windowed Watchdog (WDT)
– 12-bit key-protected Programmable Counter
– Provides Reset or Interrupt Signals to the System
– Counter May Be Stopped While the Processor is in Debug State or in Idle Mode
AT91 ARM
Thumb-based
Microcontrollers
AT91SAM7X512
AT91SAM7X256
AT91SAM7X128
Preliminary
6120H–ATARM–17-Feb-09


Similar Part No. - AT91SAM7X512

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM7X512 ATMEL-AT91SAM7X512 Datasheet
1Mb / 45P
Incorporates the ARM7TDMI ARM Thumb Processor
AT91SAM7X512 ATMEL-AT91SAM7X512 Datasheet
803Kb / 45P
AT91 ARM Thumb-based Microcontrollers
AT91SAM7X512 ATMEL-AT91SAM7X512 Datasheet
413Kb / 44P
AT91 ARM Thumb-based Microcontrollers
AT91SAM7X512-AU ATMEL-AT91SAM7X512-AU Datasheet
1Mb / 45P
Incorporates the ARM7TDMI ARM Thumb Processor
AT91SAM7X512-AU ATMEL-AT91SAM7X512-AU Datasheet
803Kb / 45P
AT91 ARM Thumb-based Microcontrollers
More results

Similar Description - AT91SAM7X512

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM7A3 ATMEL-AT91SAM7A3 Datasheet
311Kb / 32P
AT91 ARM Thumb-based Microcontrollers
AT91SAM9261 ATMEL-AT91SAM9261_1 Datasheet
613Kb / 43P
AT91 ARM Thumb-based Microcontrollers
AT91SAM7A1 ATMEL-AT91SAM7A1_05 Datasheet
5Mb / 402P
AT91 ARM Thumb-based Microcontrollers
AT91SAM7A2_0407 ATMEL-AT91SAM7A2_0407 Datasheet
145Kb / 16P
AT91 ARM Thumb-based Microcontrollers
AT91SAM7S128 ATMEL-AT91SAM7S128 Datasheet
2Mb / 495P
AT91 ARM Thumb-based Microcontrollers
AT91FR40162SB ATMEL-AT91FR40162SB Datasheet
689Kb / 22P
AT91 ARM Thumb-based Microcontrollers
AT91SAM9261S ATMEL-AT91SAM9261S_09 Datasheet
643Kb / 39P
AT91 ARM Thumb-based Microcontrollers
AT91SAM9G10 ATMEL-AT91SAM9G10_1 Datasheet
11Mb / 730P
AT91 ARM Thumb-based Microcontrollers
ATSAM3U ATMEL-ATSAM3U Datasheet
176Kb / 7P
AT91 ARM Thumb-based Microcontrollers
AT91FR40162SB ATMEL-AT91FR40162SB_10 Datasheet
297Kb / 22P
AT91 ARM Thumb-based Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com