Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91SAM7X512 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT91SAM7X512
Description  AT91 ARM Thumb-based Microcontrollers
PDF  687 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7X512 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT91SAM7X512 Datasheet HTML 10Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 11Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 12Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 13Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 14Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 15Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 16Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 17Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 687 page
background image
14
6120H–ATARM–17-Feb-09
AT91SAM7X512/256/128 Preliminary
6.5
PIO Controller Lines
All the I/O lines, PA0 to PA30 and PB0 to PB30, are 5V-tolerant and all integrate a programma-
ble pull-up resistor. Programming of this pull-up resistor is performed independently for each I/O
line through the PIO controllers.
5V-tolerant means that the I/O lines can drive voltage level according to VDDIO, but can be
driven with a voltage of up to 5.5V. However, driving an I/O line with a voltage over VDDIO while
the programmable pull-up resistor is enabled will create a current path through the pull-up resis-
tor from the I/O line to VDDIO. Care should be taken, in particular at reset, as all the I/O lines
default to input with pull-up resistor enabled at reset.
6.6
I/O Lines Current Drawing
The PIO lines PA0 to PA3 are high-drive current capable. Each of these I/O lines can drive up to
16 mA permanently.
The remaining I/O lines can draw only 8 mA.
However, the total current drawn by all the I/O lines cannot exceed 200 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com