Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91SAM7X512 Datasheet(PDF) 48 Page - ATMEL Corporation

Part # AT91SAM7X512
Description  AT91 ARM Thumb-based Microcontrollers
PDF  687 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7X512 Datasheet(HTML) 48 Page - ATMEL Corporation

Back Button AT91SAM7X512 Datasheet HTML 44Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 45Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 46Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 47Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 48Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 49Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 50Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 51Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 52Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 687 page
background image
48
6120H–ATARM–17-Feb-09
AT91SAM7X512/256/128 Preliminary
12.5
Functional Description
12.5.1
Test Pin
One dedicated pin, TST, is used to define the device operating mode. The user must make sure
that this pin is tied at low level to ensure normal operating conditions. Other values associated
with this pin are reserved for manufacturing test.
12.5.2
EmbeddedICE
™ (Embedded In-circuit Emulator)
The ARM7TDMI EmbeddedICE is supported via the ICE/JTAG port. The internal state of the
ARM7TDMI is examined through an ICE/JTAG port.
The ARM7TDMI processor contains hardware extensions for advanced debugging features:
• In halt mode, a store-multiple (STM) can be inserted into the instruction pipeline. This exports
the contents of the ARM7TDMI registers. This data can be serially shifted out without
affecting the rest of the system.
• In monitor mode, the JTAG interface is used to transfer data between the debugger and a
simple monitor program running on the ARM7TDMI processor.
There are three scan chains inside the ARM7TDMI processor that support testing, debugging,
and programming of the EmbeddedICE. The scan chains are controlled by the ICE/JTAG port.
EmbeddedICE mode is selected when JTAGSEL is low. It is not possible to switch directly
between ICE and JTAG operations. A chip reset must be performed after JTAGSEL is changed.
For further details on the EmbeddedICE, see the ARM7TDMI (Rev4) Technical Reference Man-
ual (DDI0210B).
12.5.3
Debug Unit
The Debug Unit provides a two-pin (DXRD and TXRD) USART that can be used for several
debug and trace purposes and offers an ideal means for in-situ programming solutions and
debug monitor communication. Moreover, the association with two peripheral data controller
channels permits packet handling of these tasks with processor time reduced to a minimum.
The Debug Unit also manages the interrupt handling of the COMMTX and COMMRX signals
that come from the ICE and that trace the activity of the Debug Communication Channel. The
Debug Unit allows blockage of access to the system through the ICE interface.
A specific register, the Debug Unit Chip ID Register, gives information about the product version
and its internal configuration.
The AT91SAM7X512 Debug Unit Chip ID value is 0x275C 0A40 on 32-bit width.
The AT91SAM7X256 Debug Unit Chip ID value is 0x275B 0940 on 32-bit width.
The AT91SAM7X128 Debug Unit Chip ID value is 0x275A 0740 on 32-bit width.
For further details on the Debug Unit, see the Debug Unit section.
12.5.4
IEEE 1149.1 JTAG Boundary Scan
IEEE 1149.1 JTAG Boundary Scan allows pin-level access independent of the device packaging
technology.
IEEE 1149.1 JTAG Boundary Scan is enabled when JTAGSEL is high. The SAMPLE, EXTEST
and BYPASS functions are implemented. In ICE debug mode, the ARM processor responds



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com