| Electronic Components Datasheet Search |
|
AT91SAM7X512 Datasheet(PDF) 21 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT91SAM7X512 Datasheet(HTML) 21 Page - ATMEL Corporation |
|
21 / 687 page ![]() 21 6120H–ATARM–17-Feb-09 AT91SAM7X512/256/128 Preliminary plane may be performed even while program or erase functions are being executed in the other memory plane. One EFC is embedded in the AT91SAM7X256/128 to control the single plane of 256/128 KBytes. 8.5.3 Lock Regions 8.5.3.1 AT91SAM7X512 Two Embedded Flash Controllers each manage 16 lock bits to protect 16 regions of the flash against inadvertent flash erasing or programming commands. The AT91SAM7X512 contains 32 lock regions and each lock region contains 64 pages of 256 bytes. Each lock region has a size of 16 Kbytes. If a locked-region’s erase or program command occurs, the command is aborted and the EFC trigs an interrupt. The 32 NVM bits are software programmable through both of the EFC User Interfaces. The com- mand “Set Lock Bit” enables the protection. The command “Clear Lock Bit” unlocks the lock region. Asserting the ERASE pin clears the lock bits, thus unlocking the entire Flash. 8.5.3.2 AT91SAM7X256 The Embedded Flash Controller manages 16 lock bits to protect 16 regions of the flash against inadvertent flash erasing or programming commands. The AT91SAM7X256 contains 16 lock regions and each lock region contains 64 pages of 256 bytes. Each lock region has a size of 16 Kbytes. If a locked-region’s erase or program command occurs, the command is aborted and the EFC trigs an interrupt. The 16 NVM bits are software programmable through the EFC User Interface. The command “Set Lock Bit” enables the protection. The command “Clear Lock Bit” unlocks the lock region. Asserting the ERASE pin clears the lock bits, thus unlocking the entire Flash. 8.5.3.3 AT91SAM7X128 The Embedded Flash Controller manages 8 lock bits to protect 8 regions of the flash against inadvertent flash erasing or programming commands. The AT91SAM7X128 contains 8 lock regions and each lock region contains 64 pages of 256 bytes. Each lock region has a size of 16 Kbytes. If a locked-region’s erase or program command occurs, the command is aborted and the EFC trigs an interrupt. The 8 NVM bits are software programmable through the EFC User Interface. The command “Set Lock Bit” enables the protection. The command “Clear Lock Bit” unlocks the lock region. Asserting the ERASE pin clears the lock bits, thus unlocking the entire Flash. 8.5.4 Security Bit Feature The AT91SAM7X512/256/128 features a security bit, based on a specific NVM-Bit. When the security is enabled, any access to the Flash, either through the ICE interface or through the Fast |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |