Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATtiny5 Datasheet(PDF) 105 Page - ATMEL Corporation

Part # ATtiny5
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny5 Datasheet(HTML) 105 Page - ATMEL Corporation

Back Button ATtiny5 Datasheet HTML 101Page - ATMEL Corporation ATtiny5 Datasheet HTML 102Page - ATMEL Corporation ATtiny5 Datasheet HTML 103Page - ATMEL Corporation ATtiny5 Datasheet HTML 104Page - ATMEL Corporation ATtiny5 Datasheet HTML 105Page - ATMEL Corporation ATtiny5 Datasheet HTML 106Page - ATMEL Corporation ATtiny5 Datasheet HTML 107Page - ATMEL Corporation ATtiny5 Datasheet HTML 108Page - ATMEL Corporation ATtiny5 Datasheet HTML 109Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 168 page
background image
105
8127C–AVR–10/09
ATtiny4/5/9/10
14.7 Control and Status Space Register Descriptions
The control and status registers of the Tiny Programming Interface are mapped in the Control
and Status Space (CSS) of the interface. These registers are not part of the I/O register map
and are accessible via SLDCS and SSTCS instructions, only. The control and status registers
are directly involved in configuration and status monitoring of the TPI.
A summary of CSS registers is shown in Table 14-11.
14.7.1
TPIIR – Tiny Programming Interface Identification Register
• Bits 7:0 – TPIIC: Tiny Programming Interface Identification Code
These bits give the identification code for the Tiny Programming Interface. The code can be
used be the external programmer to identify the TPI. The identification code of the Tiny Pro-
gramming Interface is shown in Table 14-12..
14.7.2
TPIPCR – Tiny Programming Interface Physical Layer Control Register
• Bits 7:3 – Res: Reserved Bits
These bits are reserved and will always read zero.
Table 14-11. Summary of Control and Status Registers
Addr.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x0F
TPIIR
Tiny Programming Interface Identification Code
0x0E
...
0x03
Reserved
0x02
TPIPCR
GT2
GT1
GT0
0x01
Reserved
0x00
TPISR
NVMEN
Bit
765
4321
0
CSS: 0x0F
Programming Interface Identification Code
TPIIR
Read/Write
RRRR
RRRR
Initial Value
000
0000
0
Table 14-12. Identification Code for Tiny Programming Interface
Code
Value
Interface Identification
0x80
Bit
765
4321
0
CSS: 0x02
GT2
GT1
GT0
TPIPCR
Read/Write
RRRR
R
R/W
R/W
R/W
Initial Value
000
0000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com