Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATtiny5 Datasheet(PDF) 107 Page - ATMEL Corporation

Part # ATtiny5
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny5 Datasheet(HTML) 107 Page - ATMEL Corporation

Back Button ATtiny5 Datasheet HTML 103Page - ATMEL Corporation ATtiny5 Datasheet HTML 104Page - ATMEL Corporation ATtiny5 Datasheet HTML 105Page - ATMEL Corporation ATtiny5 Datasheet HTML 106Page - ATMEL Corporation ATtiny5 Datasheet HTML 107Page - ATMEL Corporation ATtiny5 Datasheet HTML 108Page - ATMEL Corporation ATtiny5 Datasheet HTML 109Page - ATMEL Corporation ATtiny5 Datasheet HTML 110Page - ATMEL Corporation ATtiny5 Datasheet HTML 111Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 168 page
background image
107
8127C–AVR–10/09
ATtiny4/5/9/10
15. Memory Programming
15.1 Features
Two Embedded Non-Volatile Memories:
– Non-Volatile Memory Lock bits (NVM Lock bits)
– Flash Memory
Four Separate Sections Inside Flash Memory:
– Code Section (Program Memory)
– Signature Section
– Configuration Section
– Calibration Section
Read Access to All Non-Volatile Memories from Application Software
Read and Write Access to Non-Volatile Memories from External programmer:
– Read Access to All Non-Volatile Memories
– Write Access to NVM Lock Bits, Flash Code Section and Flash Configuration Section
External Programming:
– Support for In-System and Mass Production Programming
– Programming Through the Tiny Programming Interface (TPI)
High Security with NVM Lock Bits
15.2 Overview
The Non-Volatile Memory (NVM) Controller manages all access to the Non-Volatile Memories.
The NVM Controller controls all NVM timing and access privileges, and holds the status of the
NVM.
During normal execution the CPU will execute code from the code section of the Flash memory
(program memory). When entering sleep and no programming operations are active, the Flash
memory is disabled to minimize power consumption.
All NVM are mapped to the data memory. Application software can read the NVM from the
mapped locations of data memory using load instruction with indirect addressing.
The NVM has only one read port and, therefore, the next instruction and the data can not be
read simultaneously. When the application reads data from NVM locations mapped to the data
space, the data is read first before the next instruction is fetched. The CPU execution is here
delayed by one system clock cycle.
Internal programming operations to NVM have been disabled and the NVM therefore appears to
the application software as read-only. Internal write or erase operations of the NVM will not be
successful.
The method used by the external programmer for writing the Non-Volatile Memories is referred
to as external programming. External programming can be done both in-system or in mass pro-
duction. See Figure 14-2 on page 97. The external programmer can read and program the NVM
via the Tiny Programming Interface (TPI).
In the external programming mode all NVM can be read and programmed, except the signature
and the calibration sections which are read-only.
NVM can be programmed at 5V, only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com