Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATtiny5 Datasheet(PDF) 152 Page - ATMEL Corporation

Part # ATtiny5
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny5 Datasheet(HTML) 152 Page - ATMEL Corporation

Back Button ATtiny5 Datasheet HTML 148Page - ATMEL Corporation ATtiny5 Datasheet HTML 149Page - ATMEL Corporation ATtiny5 Datasheet HTML 150Page - ATMEL Corporation ATtiny5 Datasheet HTML 151Page - ATMEL Corporation ATtiny5 Datasheet HTML 152Page - ATMEL Corporation ATtiny5 Datasheet HTML 153Page - ATMEL Corporation ATtiny5 Datasheet HTML 154Page - ATMEL Corporation ATtiny5 Datasheet HTML 155Page - ATMEL Corporation ATtiny5 Datasheet HTML 156Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 168 page
background image
152
8127C–AVR–10/09
ATtiny4/5/9/10
BCLR
s
Flag Clear
SREG(s)
← 0
SREG(s)
1
SBI
A, b
Set Bit in I/O Register
I/O(A, b)
← 1None
1
CBI
A, b
Clear Bit in I/O Register
I/O(A, b)
← 0None
1
BST
Rr, b
Bit Store from Register to T
T
← Rr(b)
T
1
BLD
Rd, b
Bit load from T to Register
Rd(b)
← TNone
1
SEC
Set Carry
C
← 1C
1
CLC
Clear Carry
C
← 0
C
1
SEN
Set Negative Flag
N
← 1N
1
CLN
Clear Negative Flag
N
← 0
N
1
SEZ
Set Zero Flag
Z
← 1Z
1
CLZ
Clear Zero Flag
Z
← 0
Z
1
SEI
Global Interrupt Enable
I
← 1I
1
CLI
Global Interrupt Disable
I
← 0
I
1
SES
Set Signed Test Flag
S
← 1S
1
CLS
Clear Signed Test Flag
S
← 0
S
1
SEV
Set Two’s Complement Overflow.
V
← 1V
1
CLV
Clear Two’s Complement Overflow
V
← 0
V
1
SET
Set T in SREG
T
← 1T
1
CLT
Clear T in SREG
T
← 0
T
1
SEH
Set Half Carry Flag in SREG
H
← 1H
1
CLH
Clear Half Carry Flag in SREG
H
← 0
H
1
DATA TRANSFER INSTRUCTIONS
MOV
Rd, Rr
Copy Register
Rd
← Rr
None
1
LDI
Rd, K
Load Immediate
Rd
← KNone
1
LD
Rd, X
Load Indirect
Rd
← (X)
None
1/2
LD
Rd, X+
Load Indirect and Post-Increment
Rd
← (X), X ← X + 1
None
2
LD
Rd, - X
Load Indirect and Pre-Decrement
X
← X - 1, Rd ← (X)
None
2/3
LD
Rd, Y
Load Indirect
Rd
← (Y)
None
1/2
LD
Rd, Y+
Load Indirect and Post-Increment
Rd
← (Y), Y ← Y + 1
None
2
LD
Rd, - Y
Load Indirect and Pre-Decrement
Y
← Y - 1, Rd ← (Y)
None
2/3
LD
Rd, Z
Load Indirect
Rd
← (Z)
None
1/2
LD
Rd, Z+
Load Indirect and Post-Increment
Rd
← (Z), Z ← Z+1
None
2
LD
Rd, -Z
Load Indirect and Pre-Decrement
Z
← Z - 1, Rd ← (Z)
None
2/3
LDS
Rd, k
Store Direct from SRAM
Rd
← (k)
None
1
ST
X, Rr
Store Indirect
(X)
← Rr
None
1
ST
X+, Rr
Store Indirect and Post-Increment
(X)
← Rr, X ← X + 1
None
1
ST
- X, Rr
Store Indirect and Pre-Decrement
X
← X - 1, (X) ← Rr
None
2
ST
Y, Rr
Store Indirect
(Y)
← Rr
None
1
ST
Y+, Rr
Store Indirect and Post-Increment
(Y)
← Rr, Y ← Y + 1
None
1
ST
- Y, Rr
Store Indirect and Pre-Decrement
Y
← Y - 1, (Y) ← Rr
None
2
ST
Z, Rr
Store Indirect
(Z)
← Rr
None
1
ST
Z+, Rr
Store Indirect and Post-Increment.
(Z)
← Rr, Z ← Z + 1
None
1
ST
-Z, Rr
Store Indirect and Pre-Decrement
Z
← Z - 1, (Z) ← Rr
None
2
STS
k, Rr
Store Direct to SRAM
(k)
← Rr
None
1
IN
Rd, A
In from I/O Location
Rd
← I/O (A)
None
1
OUT
A, Rr
Out to I/O Location
I/O (A)
← Rr
None
1
PUSH
Rr
Push Register on Stack
STACK
← Rr
None
2
POP
Rd
Pop Register from Stack
Rd
← STACK
None
2
MCU CONTROL INSTRUCTIONS
BREAK
Break
(see specific descr. for Break)
None
1
NOP
No Operation
None
1
SLEEP
Sleep
(see specific descr. for Sleep)
None
1
WDR
Watchdog Reset
(see specific descr. for WDR)
None
1
Mnemonics
Operands
Description
Operation
Flags
#Clocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com