Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATtiny5 Datasheet(PDF) 155 Page - ATMEL Corporation

Part # ATtiny5
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny5 Datasheet(HTML) 155 Page - ATMEL Corporation

Back Button ATtiny5 Datasheet HTML 151Page - ATMEL Corporation ATtiny5 Datasheet HTML 152Page - ATMEL Corporation ATtiny5 Datasheet HTML 153Page - ATMEL Corporation ATtiny5 Datasheet HTML 154Page - ATMEL Corporation ATtiny5 Datasheet HTML 155Page - ATMEL Corporation ATtiny5 Datasheet HTML 156Page - ATMEL Corporation ATtiny5 Datasheet HTML 157Page - ATMEL Corporation ATtiny5 Datasheet HTML 158Page - ATMEL Corporation ATtiny5 Datasheet HTML 159Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 168 page
background image
155
8127C–AVR–10/09
ATtiny4/5/9/10
Notes: 1. This device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information
and minimum quantities.
2. Pb-free packaging, complies to the European Directive for Restriction of Hazardous Substances (RoHS directive). Also
Halide free and fully Green.
3. Topside marking for ATtiny9: T9x (x stands for “die revision”).
4. Bottomside marking for ATtiny9: zHzzz [H stands for (-40
°C to 85°C)].
20.3 ATtiny9
Speed (MHz)
Power Supply
Ordering Code(2)
Package(1)
Operational Range
12
1.8 - 5.5V
ATtiny9-TSHR(3)(4)
6ST1
Industrial
(-40
°C to 85°C)(4)
Package Type
6ST1
6-lead, 2.90 x 1.60 mm Plastic Small Outline Package (SOT23)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com