Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATtiny5 Datasheet(PDF) 157 Page - ATMEL Corporation

Part # ATtiny5
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny5 Datasheet(HTML) 157 Page - ATMEL Corporation

Back Button ATtiny5 Datasheet HTML 153Page - ATMEL Corporation ATtiny5 Datasheet HTML 154Page - ATMEL Corporation ATtiny5 Datasheet HTML 155Page - ATMEL Corporation ATtiny5 Datasheet HTML 156Page - ATMEL Corporation ATtiny5 Datasheet HTML 157Page - ATMEL Corporation ATtiny5 Datasheet HTML 158Page - ATMEL Corporation ATtiny5 Datasheet HTML 159Page - ATMEL Corporation ATtiny5 Datasheet HTML 160Page - ATMEL Corporation ATtiny5 Datasheet HTML 161Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 168 page
background image
157
8127C–AVR–10/09
ATtiny4/5/9/10
21. Packaging Information
21.1 6ST1
TITLE
DRAWING NO.
GPC
REV.
Package Drawing Contact:
packagedrawings@atmel.com
6ST1
TAQ
A
6ST1, 6-lead, 2.90 x 1.60 mm Plastic Small Outline
Package (SOT23)
MAX
NOTE
SYMBOL
MIN
NOM
COMMON DIMENSIONS
(Unit of Measure = mm)
A
–
–
1.45
A1
0
–
0.15
A2
0.90
–
1.30
D
2.80
2.90
3.00
2
E
2.60
2.80
3.00
E1
1.50
1.60
1.75
L
0.30
0.45
0.55
e
0.95 BSC
b
0.30
–
0.50
3
c
0.09
–
0.20
θ
0°
–
8°
Notes: 1. This package is compliant with JEDEC specification MO-178 Variation AB
2. Dimension D does not include mold Flash, protrusions or gate burrs.
Mold Flash, protrustion or gate burrs shall not exceed 0.25 mm per end.
3. Dimension b does not include dambar protrusion. Allowable dambar
protrusion shall not cause the lead width to exceed the maximum
b dimension by more than 0.08 mm
4. Die is facing down after trim/form.
6/30/08
Side View
E
E1
D
e
A2
A
A1
C
C
0.10
0.25
L
O
A2
A
A1
C
C
0.10
A
A
SEE VIEW B
C
SEATING PLANE
SEATING PLANE
SEATING PLANE
c
b
Pin #1 ID
1
6
2
3
5
4
Top View
View B
View A-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com