Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33902 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # 33902
Description  High Speed CAN Interface with Embedded 5.0 V Supply
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33902 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button 33902 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
Analog Integrated Circuit Device Data
24
Freescale Semiconductor
33902
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
CANSR (1,0)
Description
00: CAN slew rate 0
11: CAN slew rate 0
01: CAN slew rate 1
10: CAN slew rate 2
Configure
By P_SPI in Listen Only and Normal mode
Reset
Entering low power mode
Action
Change CAN slew rate (ref to parametric). Default is 00.
CAN WU -
pattern
Description
Select between 2 wake-up mechanisms
Configure
By P_SPI in Listen Only and Normal mode
Reset
Leaving low power mode
Action
When high wake-up occurs after 1 pulse of a minimum of 4.0
μs (parameter). When low, (default) wake-
up occurs after 3 pulses of a minimum of 600ns (parameters).
CRANK
Description
When this flag is set, the VDD low condition does not disable CAN and VDD regulator, if VSUV flag is set.
Configure
By P_SPI in Normal and Listen Only modes
Reset
Entering low power mode or P_SPI write (Listen Only and Normal mode)
Action
No disable of CAN and VDD regulator in case of a VDD low condition, and the VSUV flag is set. ERR reports
a VDD low condition. The P_SPI VDD low flag is set.
PASS ID(1,0),
METID(1,0)
Set
Report device internal identification
Reset
Action
BUS dom
Description
Detect a bus voltage dominant for a time longer than tDOM.
Set
This flag is set if the bus is detected to be in dominant for more than tDOM
Reset
Entering low power mode, bus recessive P_SPI reading (Listen Only and Normal mode)
Action
No action, set
ERR low in Normal mode
CAN cur
Description
Over-current occurred on the CANH or CANL driver
Set
In Normal mode, if the CANH or CANL current exceed the threshold (parameter)
Reset
Entering low power mode, the CAN current below threshold + P_SPI reading (Listen Only and Normal
mode)
Action
By default no action. If the
ERR-EXT bit is set, the ERR is set low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com