Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33902 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # 33902
Description  High Speed CAN Interface with Embedded 5.0 V Supply
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33902 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button 33902 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
Analog Integrated Circuit Device Data
16
Freescale Semiconductor
33902
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
The flag is cleared by leaving the Normal mode or by a
P_SPI reading.
WAKE Pin - Local Wake-up (WU)
From the Standby, Go To Sleep or Sleep mode, this flag is
set if a transition on the WAKE pin is detected. This wake-up
is reported on the ERR pin by a low level in Standby mode,
as well as in Sleep mode if VIO is present.
The wake-up flag is cleared by leaving the Normal mode
or by P_SPI reading.
Wake-up Source
Wake-up source is reported on the ERR pin by entering
Normal mode, before 4 TX pulses. The ERR pin is low to
indicate a local wake-up, and high to indicate CAN wake-up.
Local Failure
This flag is a logic «OR» of the following failures: TXD
dominant clamping, RXD recessive clamping, TXD-to-RXD
short-circuit and VDD low condition. This flag is reported in
Listen Only on the ERR pin coming from Normal mode.
Using the P_SPI, it is possible to get detailed failure
information.
BUS Failure
The BUS failure flag is set if the CAN transceiver detects
a bus line short-circuit condition to VSUP, VDD, or GND,
during five consecutive dominant-recessive cycles on the
TXD pin. In addition, this flag reports a bus dominant
clamping condition. In Normal mode, the bus failure flag is
available on the ERR pin.
Using the P_SPI, it is possible to get detailed failure
information.
VDD low
VDD low flag is set in Normal and Listen Only mode when
VDD is below the VDD low threshold. After a time longer than
tVDD-CANOFF, the CAN is disabled and after a time longer than
tVDDOFF, the VDD regulator is disabled to avoid a battery
discharge.
If the CRANK bit is set high, the VDD regulator and CAN
will not be disabled if VSUP is below VSUV. When VSUP is
above VSUV, the CRANK bit has no effect.
VDD low flag is reported in Normal and Listen Only mode,
so the user can differentiate between local and bus failures
by changing modes and observing ERR staying low.
In case of a double failure (local and bus failure) at the
same time, the results will be the same: ERR low in Normal
and in Listen Only mode. However, this is unlikely to occur.
This flag is cleared when entering low power, or when VDD
is above VDD low threshold, plus the P_SPI reading.
The VDD regulator is re enabled as soon as VSUP rises
above VSUP low, or by a mode change (refer to the crank
pulse illustration).
The CAN is re-enabled as soon as VDD is above VDD low
threshold. (refer to crank pulse illustration).
ERR Pin
The ERR pin reports various information depending upon
the device state, the device state transition, and event on the
TXD pin.
Table 6 shows the diagnostic flag availability when the
device is controlled in a static manner.
Table 6. “Static” Diagnostic Flags
Flag
Accessibility
Clearing Diagnostic
BATFAIL
Listen-Only mode (coming from Standby, Go-to-Sleep, Sleep)
Leaving Normal mode
CANWU or Local WU
Standby, Go-to-Sleep, Sleep (provided VIO is present)
Leaving Normal mode or by setting the BATFAIL
Wake-up source
Normal mode (Before the fourth dominant to recessive edge on the
TXD pin)
Leaving Normal mode, or by setting BATFAIL flag.
BUS Failure
Normal mode (After the fourth dominant to recessive edge on the
TXD pin)
Re-entering Normal mode
Local Failure
Listen Only mode (coming from Normal mode)
Entering Normal mode or TXD high while RXD low.
VDD low
Normal mode (After the fourth dominant to recessive edge on the
TXD pin) and Listen Only mode (coming from Normal mode)
VDD > VDD low threshold
Evaluation mode
By RXD low, when coming from Sleep or Standby into Normal or
Listen Only modes.
RXD goes from low to high, to signal the device is ready
and has exited low power modes (TLP-NP parameter).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com