Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33902 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 33902
Description  High Speed CAN Interface with Embedded 5.0 V Supply
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33902 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  33902 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
33902
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to ground, unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS
DC voltage on VSUP
VSUP
-0.3 to +40
V
DC voltage on CANL, CANH, SPLIT
Continuous (Steady State)
Transient Voltage (Load Dump)
VBUS
-27 to +27
-27 to +40
V
DC voltage on VIO
VVIO
-0.3 to 5.5
V
DC voltage on EN, STBY, ERR, TXD, RXD
VDIG
-0.3 to VIO +0.3
V
DC voltage on Wake
VWAKE
-0.3 to 29
V
Continuous current on CANH and CANL
ILH
200
mA
DC current on VDD
IVDD
240
mA
ESD on CANH, CANL and Split (HBM)
VESDCH
+-2000
V
ESD on CANH, CANL and Split (IEC61000-4, CZAP = 150 pF, Rzap = 330 Ω)
VESDIEC
+-8000
V
ESD on all pins except CANH, CANL, Split (HBM)
VESCH
+-2000
V
THERMAL RATINGS
Junction temperature
TJ
150
°C
Ambient temperature
TA
-40 to 125
°C
Storage temperature
TST
-55 to 165
°C
THERMAL RESISTANCE
Thermal resistance junction to ambient (SO14)
RθJA
140
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com