Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33902 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # 33902
Description  High Speed CAN Interface with Embedded 5.0 V Supply
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33902 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button 33902 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 31Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
Analog Integrated Circuit Device Data
28
Freescale Semiconductor
33902
COMPARISON WITH COMPETITION 14 PIN HIGH SPEED CAN TRANS-
CEIVER
COMPARISON WITH COMPETITION 14 PIN HIGH SPEED CAN TRANSCEIVER
The table below is a comparison between the MC33902 and the competition 14 pin high speed CAN transceiver having no
embedded power supply.
Item
MC33902
Competition w/o Embedded Regulator
VDD pin
Output. Requires local decoupling capacitor(s). No extra
load should be connected.
Input. Requires connection to a 5.0 V supply.
Wake pin
Fixed threshold typ 3.0 V with hysteresis. No pull-up or
pull-down. High-impedance input. Connect to GND when
not used.
Threshold VBAT -3.0 V. Active pull-up when input is above
threshold. Active pull-down when input is below threshold.
ERR pin
Active low, reports flags, or used as MISO during P_SPI
communication. Strong driver (capability typ. 3.0 mA).
Active low, reports flags, weak driver, requiring 8.0
μs
stabilization time
EN and STBY pins Input used for static mode control. Used as CLOCK and
MOSI during P_SPI communication.
Input used for mode control.
Bus dom failure
flag
Failure reported on
ERR pin in Normal mode
(considered as a bus failure => reported in Normal mode)
Failure reported on the
ERR pin in Listen Only mode
(considered as a local failure)
VDD low flag
No effect on device mode. Failure on CAN transceiver
supply should not affect the complete ECU. VDD is
disabled “locally” to reduce current consumption. The
ERR pin is set low in Normal and Listen Only mode. VDD
low threshold set at 4.25 V
Set the device into Sleep mode. INH is turned OFF. If the ECU
regulator is controlled by INH, ECU is turned OFF.
VIO low flag
Same
Same
Wake-up time
From Sleep or Standby mode, device needs 35
μs typ. to
be ready.
No need for a delay for device ready.
Transition time
At least 8.0
μs, to differentiate between a static transition
and P_SPI communication
Immediate transition. However, the
ERR pin has weak driver
and an 8.0
μs stabilization time is required. When the device
is switched between Normal and Listen Only mode to check
the fail flag, a delay of 8.0
μs is needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com