Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34825 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # 34825
Description  Micro-USB Interface IC Supporting Universal Charging Solution and Wired Accessories
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34825 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button 34825 Datasheet HTML 18Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 19Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 20Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 21Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 22Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 23Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 24Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 25Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
Analog Integrated Circuit Device Data
22
Freescale Semiconductor
34825
FUNCTIONAL DEVICE OPERATION
OPERATION AFTER IDENTIFICATION
VBUS pin from both the input decoupling capacitor and the
input quiescent current of the charger IC connected to the
OUT pin, so that the microphone signal can be connected to
the VBUS pin without any interference from the OUT pin. The
power MOSFET is also used as the input Over-voltage
Protection (OVP) or Over-current Protection (OCP) switch for
other components in the cell phone, such as the charger IC,
to allow a low voltage rated charger IC to be used for cost
reduction.
The power MOSFET is guaranteed to be turned on in
VBUS power mode even when the VDD voltage is below
VVDDPOR threshold, to ensure that the cell phone battery can
be charged when the battery is fully discharged.
PROTECTION
OVER-VOLTAGE PROTECTION (OVP)
The VBUS line is capable of withstanding a 28 V voltage.
The 34825 protects the cell phone by turning off the internal
power MOSFET when the VBUS voltage is higher than the
OVP threshold. In this case, the 34825 turns off the power
MOSFET within 1.0
μs after the input voltage exceeds the
OVP threshold, and the OVP_EN bit in the Interrupt register
is set to interrupt the host IC. When the OVP event is cleared,
the OVP_OTP_DIS bit in the Interrupt register is set to inform
the host IC.
OVER-CURRENT PROTECTION (OCP) AND OVER-
TEMPERATURE PROTECTION (OTP)
If the current flowing through the power MOSFET exceeds
the specified OCP limit, the 34825 will operate in CC
(Constant Current) mode, regulating the output current at the
OCP limit. If the OCP condition persists, the IC temperature
will rise, eventually reaching the Over-Temperature-
Protection (OTP) limit. The 34825 then turns off the power
MOSFET and sets the OTP_EN interrupt bit in the Interrupt
register to inform the host IC. The power MOSFET is turned
on again when the IC temperature falls below the OTP falling
temperature threshold, and the OVP_OTP_DIS bit is set. If
the above case happens repeatedly 7 times, the power
MOSFET will be permanently turned off until the accessory is
detached or the IC is reset.
The power MOSFET is turned off with a limited speed
under the OTP case to prevent a high overshoot voltage at
the VBUS pin.
OPERATION WITH ACCESSORIES
AUDIO ACCESSORY SUPPORTING REMOTE
CONTROLLER (R/C ACCESSORY)
Two ID resistors are designated for accessories with a
remote controller, as listed in Table 21. A typical accessory
with a remote controller is an audio headset that has a stereo
speaker, a micro phone, and a remote controller, as shown in
Figure 16. The five pins in the mini or micro-USB connector
are assigned in Figure 16. If some components are not
included in the accessory, the corresponding pins should be
left floating. For example, if the microphone is not included in
the stereo headset, VBUS pin should be left floating in the
headset.
The timing of the key pressing is shown in Figure 17. If a
key is pressed for a time less than 20 ms, the 34825 ignores
this key press. If the key is still pressed after 20 ms, 34825
starts a timer to count the time during which the key is
pressed. There are three kinds of key press conditions
according to the pressing time: error key press, short key
press, and long key press.
1. Error key press: if the key pressing time is less than
TKP, The 34825 ignores this key press.
2. Short key press: if the key pressing time is between
TKP and TLKP, the KP bit is set to inform the host IC.
The ADC result holds the key value. The INT outputs
low impedance when the key is released and returns to
a high impedance, due to the clearance of the KP bit
when the interrupt register is read.
3. Long key press: if the key pressing time is longer than
TLKP, the long key press bit LKP in the Interrupt register
is set to inform the host IC. The host IC needs to
respond to the key press immediately. The ADC result
holds the key value. When the key is released, the long
key release bit LKR in the Interrupt register is set to
interrupt the host IC again. The ADC Result register
still has the key value.
When such a accessory is attached, the 34825 can either
be forced into the Power Save mode or automatically enter
into the Power Save mode. This is controlled by the
AutoPSAVE bit in the Control register.
When AutoPSAVE = 1, if no activity is detected at the
SPK_L and SPK_R pins in 10 seconds, the 34825 enters the
Power Save mode automatically to minimize the quiescent
current. Upon detecting the activity in audio signal switches,
the 34825 returns to the Active mode. When AutoPSAVE = 0,
the host IC can control the mode of 34825 manually by
setting the PSAVE bit in the Device Mode register via I2C.
In the Power Save mode, the key pressing is monitored as
well.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com