Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34825 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # 34825
Description  Micro-USB Interface IC Supporting Universal Charging Solution and Wired Accessories
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34825 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button 34825 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 18Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 19Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 20Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 21Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 22Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
No
Yes
DP->DM
SHORT?
No
Yes
Set
USB_CHG bit
ID_FLOAT
=1?
VBUS
Applied?
Set DP/DM
_SHORT bit
Set
VBUS_DET bit
No
Yes
No
TEST1 pin
outputs LOW
Key Released
within 1.5s?
Yes
ID Float?
No
Set
DETACH bit
Key
Released?
No
Yes
ADC =
10001 or
01111?
TEST2 pin
outputs HIGH
Set
ADC RESULT
Yes
No
ADC =
Key Value?
ADC =
1000x?
ADC =
0111x?
No
Yes
Yes
No
No
Yes
No
Set
ATTACH bit
Set
ATTACH bit
Set
ID_FLOAT bit
VBUS=0V
ACTIVE = 0
Yes
No
ID Float?
Clear
ID_FLOAT bit
ID Float
Yes
Delay
TD time
Yes
Set
ACTIVE bit
ADC =
00000?
ID shorted
to GND?
VBUS_DET
=1?
Set
ID_GND bit
Yes
Yes
No
No
DM->DP
SHORT?
Yes
No
Turn on
USB switches
Turn on
UART
switches
Analog Integrated Circuit Device Data
Freescale Semiconductor
19
34825
FUNCTIONAL DEVICE OPERATION
ACCESSORY IDENTIFICATION
Figure 14. Detailed Accessory Identification Flow Diagram
ID DETECTION
The ID detection relies on the resistance between the ID
pin and the ground (RID) inside the accessory for the
accessory detection and recognition. The nominal ID
resistance that the 34825 supports is listed in Table 6 as well
as in Table 21. The 34825 offers a 5-bit ADC for the
resistance recognition and the corresponding ADC results vs.
the RID are also listed in Table 6. The resistors are required
to have 1% or better accuracy for the ADC to recognize
successfully.
A comparator monitors the ID pin for attachment and
detachment detection. When no accessory is attached, the ID
pin is floating. An ID_FLOAT bit in the Status register stays in
the value of 1. When a resistor less than or equal to 1.0 M
Ω
is connected between the ID line and the ground, the
ID_FLOAT bit changes to 0. When the resistor is removed,
ID_FLOAT bit returns to 1. A falling-edge of the ID_FLOAT bit
represents the attachment of the accessory and the ADC is
enabled to measure the ID resistance. The ADC Result
register has the identification result of the RID, as given in
Table 6. A rising edge of the ID_FLOAT bit represents the
detachment of the accessory.
The ADC results are broken into two groups. The values
between ‘00001’ to ‘01101’ are assigned to 13 remote-control
keys for the two accessories that support remote controllers,
as listed in Table 21. The rest of the ADC results are
assigned to various accessories. If the ADC result is one of
the remote control key values in the identification flow, it is
possible that the remote control key is stuck when the
accessory is attached.
A special Stuck Key Identification flow is designed to
resolve such an issue. As shown in the Figure 14, if the stuck
key is recognized but is released within 1.5s, the identification
flow will return to re-detect the ID line; Otherwise, the
ATTACH bit will be set and the ADC Result register has the
key result. After the key is released, the 34825 will detect the
ID resistance value again. If the accessory is still connected,
the ATTACH bit is set again and the ADC result has the ID
resistor value of the accessory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com