Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34825 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 34825
Description  Micro-USB Interface IC Supporting Universal Charging Solution and Wired Accessories
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34825 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 34825 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
34825
ELECTRICAL CHARACTERISTICS
ELECTRICAL PERFORMANCE CURVES
ELECTRICAL PERFORMANCE CURVES
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
1.4
1.6
1.8
2.0
2.2
Temperature =85°C
Temperature =25°C
Temperature = -40°C
Input Voltage ( V)
Figure 4. SPK Switch On Resistance vs Input Voltage
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5
2.0
2.5
3.0
3.5
4.0
4.5
Temperature = 85°C
Temperature = 25°C
Temperature = -40°C
Input Voltage ( V)
Figure 5. USB Switch On Resistance vs Input Voltage
0.00.51.0 1.52.02.5 3.03.5
20
25
30
35
40
45
Temperature = 85°C
Temperature = 25°C
Temperature = -40°C
Input Voltage ( V)
Figure 6. UART Switch On Resistance vs Input Voltage
1.8
1.9
2.0
2.1
2.2
2.3
40
50
60
70
80
90
Temperature = 85°C
Temperature = 25°C
Input Voltage ( V)
Temperature = -40°C
Figure 7. MIC Switch On Resistance vs Input Voltage
2.53.03.54.04.55.05.5
8.6
8.8
9.0
9.2
9.4
9.6
VDD Voltage ( V)
Figure 8. VDD Supply Current vs Supply Voltage in
Standby Mode
-40
-20
0
20406080
7
8
9
10
11
Temperature ( °C)
Figure 9. VDD Supply Current vs Temperature In
Standby Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com