Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34825 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # 34825
Description  Micro-USB Interface IC Supporting Universal Charging Solution and Wired Accessories
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34825 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button 34825 Datasheet HTML 20Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 21Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 22Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 23Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 24Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 25Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 26Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 27Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
Table 8. TEST1, TEST2, and Switch Status vs. Test Cables
Accessory Type
ADC Result
TEST1 Output
TEST2 Output
Auto-ON Switches
Power MOSFET
UART test cable type 1
01110
LOW
LOW
UART Switches
OFF
UART test cable type 2
01111
LOW
HIGH
UART Switches
OFF
USB test cable type 1
10000
LOW
LOW
USB Switches
ON
USB test cable type 2
10001
LOW
HIGH
USB Switches
ON
Other accessories
others
HIGH(1)
LOW(1)
No auto-on Switches No auto-on Switches
Notes
1.
These values are default values and can be changed by the TEST1 and TEST2 bits in the S/W Control 2 register.
Analog Integrated Circuit Device Data
24
Freescale Semiconductor
34825
FUNCTIONAL DEVICE OPERATION
OPERATION AFTER IDENTIFICATION
USB HOST (PC OR HUB)
When the attached accessory is a USB host or hub, the ID
pin is floating. The power MOSFET is turned on to allow the
charger to charge the battery. The ISET outputs default high
impedance to limit the charging current to a lower level. The
host IC can turn on the D+ and D- switches and then pull the
D+ signal to high to start the USB attaching sequence.
USB CHARGER OR DEDICATED CHARGER
When the attached accessory is a USB Charger or a
Dedicated Charger, the 34825 turns on the power MOSFET
to allow the charger to start. The host IC can set the ISET
outputs low impedance to allow a higher charge current.
5-WIRE CARKIT CHARGER (TYPE 1 OR TYPE 2)
A 5-wire carkit charger is a charger specified in the CEA-
936-A USB Carkit Specification. The 5-wire carkit charger
outputs 5V to the VBUS pin, has the D+ and D- pins shorted
internally, and has an ID resistor. The ID resistor has a value
of either 200k
Ω or 440kΩ to distinguish the current capability
of the charger. Refer to the CEA-936-A USB Carkit
Specification for more information.
When the attached accessory is a 5-wire carkit charger,
the 34825 turns on the power MOSFET to allow the Li-ion
battery charging function to start. The host can set the ISET
outputting high impedance or low impedance to choose the
charge current.
RESERVED ACCESSORY
The users can assign the reserved ID resistor values listed
in Table 21 to their user specific accessories. When a user
specific accessory is attached, the identification flow will
identify the ID resistance and as well as the power supply
type in case of a powered accessory. The ADC Result
register and the Status register contain the information of the
RID value and the power supply type. The baseband can read
these registers to distinguish the type of the accessory for
further actions.
DETACHING DETECTION
When either the VBUS voltage drops below the VBUS
power detection threshold or the ID resistor is removed, a
detaching detection flow starts. Figure 18 shows the detailed
detection flow. When the DETACH bit is set, the INT outputs
low voltage to inform the host IC. At the end of the detaching
detection flow, the ACTIVE bit is cleared and the 34825
enters the Standby mode. A new identification flow will start
if either the VBUS voltage is above its POR threshold or the
ID resistor is connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com