Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34825 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # 34825
Description  Micro-USB Interface IC Supporting Universal Charging Solution and Wired Accessories
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34825 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button 34825 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 18Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
15
34825
FUNCTIONAL DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
Switch
Array
I2C
Interface
VBUS
Detection
Logic
Output
Internal
Power
Supplies
Logic &
State
Machine
ID ADC
ID
Detection
Figure 12. 34825 Functional Internal Block Diagram
INTERNAL POWER SUPPLIES
This block contains the bias power supplies to the internal
circuits. The inputs to this block include VBUS, VDD and
VDDIO.
LOGIC AND STATE MACHINE
This block includes the state machine for accessory
detection and identification, the register map, and other logic
circuits.
I2C INTERFACE
The I2C interface block has the circuit for the I2C
communication that a master device can use to access the
registers in the 34825. The 34825 is a slave device.
LOGIC OUTPUT
The logic output includes open-drain or push-pull drivers
for the four logic output signals, TEST1, TEST2, INT, and
ISET.
SWITCH ARRAY
The switch array consists of analog switches for UART,
USB, audio signal switching and one high-voltage power
MOSFET for power switching.
VBUS DETECTION
This block detects whether the power supply at VBUS pin
is present or removed.
ID DETECTION
This block contains a circuit to detect whether an ID resistor
is connected to the ID pin or not.
ID ADC
An internal 5-bit ADC measures the resistance at the ID
pin. The result is stored in the ADC Result register and sent
to the Logic and State Machine block to determine what
accessory is attached.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com