Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34825 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # 34825
Description  Micro-USB Interface IC Supporting Universal Charging Solution and Wired Accessories
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34825 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button 34825 Datasheet HTML 26Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 27Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 28Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 29Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 30Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 31Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 32Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 33Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
Table 15. S/W Control Register 1
Bit
Mode
Symbol
Reset
Description
Notes
1-0
R/W
VBUS Switching
01
VBUS line switching configuration
00: open all switches connected to the VBUS line.
01: internal power MOSFET on
10: VBUS connected to MIC
11: open all switches connected to the VBUS line.
4-2
R/W
DP/DM Switching
000
DP/DM line switching configuration
000: open all switches
001: DP connected to D+, DM connected to D-
010: DP connected to SPK_R, DM connected to SPK_L
011: DP connected to RxD, DM connected to TXD
Others: open all switches connected to the DP pin and DM pin
7-5
R
Reserved
000
Table 16. S/W Control Register 2
Bit
Mode
Symbol
Reset
Description
Notes
1-0
R/W
reserved
00
2
R/W
TEST1
1
TEST1 output
0: low-impedance
1: high-impedance
3
R/W
TEST2
0
TEST2 output
0: low voltage
1: high voltage
4
R/W
ISETB
0
ISET output
0: high-impedance
1: low-impedance
7-5
R/W
Reserved
000
Analog Integrated Circuit Device Data
30
Freescale Semiconductor
34825
FUNCTIONAL DEVICE OPERATION
REGISTER MAP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com