Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT95R35 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT95R35
Description  Phone 8-Bit MCU with DTMF Receiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R35 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT95R35 Datasheet HTML 6Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 7Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 8Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 9Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 10Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 11Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 12Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 13Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 73 page
background image
HT95R35
Rev. 1.00
10
October 7, 2009
Program Counter
During program execution, the Program Counter is used
to keep track of the address of the next instruction to be
executed. It is automatically incremented by one each
time an instruction is executed except for instructions,
such as
²JMP² or ²CALL² that demand a jump to a
non-consecutive Program Memory address. Only the
lower 8 bits, known as the Program Counter Low Regis-
ter, are directly addressable by user.
When executing instructions requiring jumps to
non-consecutive addresses such as a jump instruction,
a subroutine call, interrupt or reset, etc., the
microcontroller manages program control by loading the
required address into the Program Counter. For condi-
tional skip instructions, once the condition has been
met, the next instruction, which has already been
fetched during the present instruction execution, is dis-
carded and a dummy cycle takes its place while the cor-
rect instruction is obtained.
The lower byte of the Program Counter, known as the
Program Counter Low register or PCL, is available for
program control and is a readable and writable register.
By transferring data directly into this register, a short
program jump can be executed directly, however, as
only this low byte is available for manipulation, the
jumps are limited to the present page of memory, that is
256 locations. When such program jumps are executed
it should also be noted that a dummy cycle will be in-
serted.
Stack
This is a special part of the memory which is used to
save the contents of the Program Counter only. The
stack has 8 levels and is neither part of the data nor part
of the program space, and can neither be read from nor
written to. The activated level is indexed by the Stack
Pointer, SP, which can also neither be read from nor
written to. At a subroutine call or interrupt acknowledge
signal, the contents of the Program Counter are pushed
onto the stack. At the end of a subroutine or an interrupt
routine, signaled by a return instruction, RET or RETI,
the Program Counter is restored to its previous value
from the stack. After a device reset, the Stack Pointer
will point to the top of the stack.
If the stack is full and an enabled interrupt takes place,
the interrupt request flag will be recorded but the ac-
knowledge signal will be inhibited. When the Stack
Pointer is decremented, by RET or RETI, the interrupt
will be serviced. This feature prevents stack overflow al-
lowing the programmer to use the structure more easily.
However, when the stack is full, a CALL subroutine in-
struction can still be executed which will result in a stack
overflow. Precautions should be taken to avoid such
cases which might cause unpredictable program
branching.
Mode
Program Counter Bits
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
Initial Reset
00000000000000
External Interrupt
00000000000100
Timer/Event Counter 0
Overflow
00000000001000
Timer/Event Counter 1
Overflow
00000000001100
Peripheral Interrupt
00000000010000
RTC Interrupt
00000000010100
Multi-Function Interrupt
00000000011000
Skip
Program Counter + 2 (Within current bank)
Loading PCL
PC13 PC12 PC11 PC10 PC9 PC8
@7
@6
@5
@4
@3
@2
@1
@0
Jump, Call Branch
BP.5 #12
#11
#10
#9
#8
#7
#6
#5
#4
#3
#2
#1
#0
Return from Subroutine
S13
S12
S11
S10
S9
S8
S7
S6
S5
S4
S3
S2
S1
S0
Program Counter
Note:
PC13~PC8: Current Program Counter bits
@7~@0: PCL bits
#12~#0: Instruction code address bits
S13~S0: Stack register bits
1 3 1 2
8 7
0
P r o g r a m C o u n t e r
B P
. 5
B a n k P o i n t e r ( B P )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com