Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT95R35 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT95R35
Description  Phone 8-Bit MCU with DTMF Receiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R35 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT95R35 Datasheet HTML 17Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 18Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 19Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 20Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 21Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 22Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 23Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 24Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 73 page
background image
HT95R35
Rev. 1.00
21
October 7, 2009
Timer Control Registers
- TMR0C, TMR1C, TMR2C
The flexible features of the Holtek microcontroller
Timer/Event Counters enable them to operate in three
different modes, the options of which are determined by
the contents of their control register, which has the
name TMR0C/TMR1C/TMR2C. It is the Timer Control
Register together with its corresponding timer register
pair that control the full operation of each Timer/Event
Counter. Before the Timer/Event Counter can be used, it
is essential that the Timer Control Register is fully pro-
grammed with the right data to ensure its correct opera-
tion, a process that is normally carried out during
program initialisation.
To choose which of the three modes the Timer/Event
Counter is to operate in, either in the timer mode, the
event counting mode or the pulse width measurement
mode, bits 7 and 6 of the Timer Control Register, which
are known as the bit pair T0M1/T0M0, T1M1/T1M0 and
T2M1/T2M0, must be set to the required logic levels.
The Timer/Event Counter on/off bit, which is bit 4 of the
Timer Control Register, and known as T0ON, T1ON and
T2ON, provides the basic on/off control of the
Timer/Event Counter. Setting the bit high allows the
Timer/Event Counter to run, clearing the bit stops it run-
ning. If the Timer/Event Counter is in the event count or
pulse width measurement mode, the active transition
edge level type is selected by the logic level of bit 3 of
the Timer Control Register which is known as T0E and
T1E.
1 6 - b i t
P r e l o a d R e g i s t e r
D a t a B u s
R e l o a d
O v e r f l o w
t o I n t e r r u p t
L o w B y t e B u f f e r
H i g h B y t e
L o w B y t e
1 6 - B i t T i m e r / E v e n t C o u n t e r
T M R 0
T 0 E
T i m e r / E v e n t C o u n t e r
M o d e C o n t r o l
T 0 O N
f S Y S / 4
T 0 M 1
T 0 M 0
16-bit Timer/Event Counter 0 Structure
1 6 - b i t
P r e l o a d R e g i s t e r
D a t a B u s
R e l o a d
O v e r f l o w
t o I n t e r r u p t
L o w B y t e B u f f e r
H i g h B y t e
L o w B y t e
1 6 - B i t T i m e r / E v e n t C o u n t e r
T M R 1
T 1 E
T i m e r / E v e n t C o u n t e r
M o d e C o n t r o l
T 1 O N
3 2 7 6 8 H z
T 1 M 1
T 1 M 0
16-bit Timer/Event Counter 1 Structure
1 6 - b i t
P r e l o a d R e g i s t e r
D a t a B u s
R e l o a d
O v e r f l o w
t o I n t e r r u p t
L o w B y t e B u f f e r
H i g h B y t e
L o w B y t e
1 6 - B i t T i m e r
T i m e r / E v e n t C o u n t e r
M o d e C o n t r o l
T 2 O N
f S Y S / 4
T 2 M 1
T 2 M 0
16-bit Timer2 Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com