Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT95R35 Datasheet(PDF) 42 Page - Holtek Semiconductor Inc

Part # HT95R35
Description  Phone 8-Bit MCU with DTMF Receiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R35 Datasheet(HTML) 42 Page - Holtek Semiconductor Inc

Back Button HT95R35 Datasheet HTML 38Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 39Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 40Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 41Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 42Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 43Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 44Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 45Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 46Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 73 page
background image
HT95R35
Rev. 1.00
42
October 7, 2009
For applications that operate within an environment
where more noise is present the Enhanced Reset Cir-
cuit shown is recommended.
More information regarding external reset circuits is
located in Application Note HA0075E on the Holtek
website.
· RES Pin Reset
This type of reset occurs when the microcontroller is
already running and the RES pin is forcefully pulled
low by external hardware such as an external switch.
In this case as in the case of other reset, the Program
Counter will reset to zero and program execution initi-
ated from this point.
· Low Voltage Reset
- LVR
The microcontroller contains a low voltage reset cir-
cuit in order to monitor the supply voltage of the de-
vice. The LVR function is selected via a configuration
option. If the supply voltage of the device drops to
within a range of 0.9V~VLVR such as might occur when
changing the battery, the LVR will automatically reset
the device internally. For a valid LVR signal, a low sup-
ply voltage, i.e., a voltage in the range between
0.9V~VLVR must exist for a time greater than that spec-
ified by tLVR in the A.C. characteristics. If the low sup-
ply voltage state does not exceed this value, the LVR
will ignore the low supply voltage and will not perform
a reset function. The actual VLVR value can be se-
lected via configuration options.
· Watchdog Time-out Reset during Normal Operation
The Watchdog time-out Reset during normal opera-
tion is the same as a hardware RES pin reset except
that the Watchdog time-out flag TO will be set to
²1².
· Watchdog Time-out Reset during Power Down
The Watchdog time-out Reset during Power Down is
a little different from other kinds of reset. Most of the
conditions remain unchanged except that the Pro-
gram Counter and the Stack Pointer will be cleared to
²0² and the TO flag will be set to ²1². Refer to the A.C.
Characteristics for tSST details.
Reset Initial Conditions
The different types of reset described affect the reset
flags in different ways. These flags, known as PDF and
TO are located in the status register and are controlled
by various microcontroller operations, such as the
Power Down function or Watchdog Timer. The reset
flags are shown in the table:
TO PDF
RESET Conditions
0
0
RES reset during power-on
u
u
RES or LVR reset during normal operation
1
u
WDT time-out reset during normal operation
1
1
WDT time-out reset during Power Down
Note:
²u² stands for unchanged
The following table indicates the way in which the vari-
ous components of the microcontroller are affected after
a power-on reset occurs.
Item
Condition After RESET
Program Counter
Reset to zero
Interrupts
All interrupts will be disabled
WDT
Clear after reset, WDT begins
counting
Timer/Event
Counters
The Timer Counters will be
turned off
Input/Output Ports
I/O ports will be setup as inputs
Stack Pointer
Stack Pointer will point to the top
of the stack
W D T T i m e - o u t
S S T T i m e - o u t
I n t e r n a l R e s e t
t R S T D
WDT Time-out Reset during Normal Operation
Timing Chart
W D T T i m e - o u t
S S T T i m e - o u t
t S S T
WDT Time-out Reset during Power Down
Timing Chart
R E S
0 . 1 m F
1 0 0 k W
V D D
V S S
0 . 0 1 m F
1 0 k W
Enhanced Reset Circuit
R E S
S S T T i m e - o u t
I n t e r n a l R e s e t
0 . 9 V D D
0 . 4 V D D
t R S T D
RES Reset Timing Chart
L V R
S S T T i m e - o u t
I n t e r n a l R e s e t
t R S T D
Low Voltage Reset Timing Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com