Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3633EUFD Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3633EUFD
Description  Dual Channel 3A, 15V Monolithic Synchronous Step-Down Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3633EUFD Datasheet(HTML) 1 Page - Linear Technology

  LTC3633EUFD Datasheet HTML 1Page - Linear Technology LTC3633EUFD Datasheet HTML 2Page - Linear Technology LTC3633EUFD Datasheet HTML 3Page - Linear Technology LTC3633EUFD Datasheet HTML 4Page - Linear Technology LTC3633EUFD Datasheet HTML 5Page - Linear Technology LTC3633EUFD Datasheet HTML 6Page - Linear Technology LTC3633EUFD Datasheet HTML 7Page - Linear Technology LTC3633EUFD Datasheet HTML 8Page - Linear Technology LTC3633EUFD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTC3633
1
3633f
n 3.6V to 15V Input Voltage Range
n 3A Output Current per Channel
n Up to 95% Efficiency
n Low Duty Cycle Operation: 5% at 2.25MHz
n Selectable 0°/180° Phase Shift Between Channels
n Adjustable Switching Frequency: 500kHz to 4MHz
n External Frequency Synchronization
n Current Mode Operation for Excellent Line and
Load Transient Response
n 0.6V Reference Allows Low Output Voltages
n User Selectable Burst Mode® Operation or Forced
Continuous Operation
n Output Voltage Tracking and Soft-Start Capability
n Short-Circuit Protected
n Overvoltage Input and Overtemperature Protection
n Low Power 2.5V Linear Regulator Output
n Power Good Status Outputs
n Available in (4mm × 5mm) QFN-28 and 28-Lead
TSSOP Packages
TYPICAL APPLICATION
DESCRIPTION
Dual Channel 3A, 15V
Monolithic Synchronous
Step-Down Regulator
The LTC®3633 is a high efficiency, dual-channel monolithic
synchronous buck regulator using a controlled on-time,
current mode architecture, with phase lockable switching
frequency. The two channels can run 180° out of phase,
which relaxes the requirements for input and output ca-
pacitance. The operating supply voltage range is from 3.6V
to 15V, making it suitable for dual cell lithium-ion batteries
as well as point of load power supply applications from
a 12V or 5V supply.
The operating frequency is programmable and synchroniz-
able from 500kHz to 4MHz with an external resistor. The
high frequency capability allows the use of small surface
mount inductors and capacitors. The unique constant
frequency/controlled on-time architecture is ideal for
high step-down ratio applications that operate at high
frequency while demanding fast transient response. An
internal phase lock loop servos the on-time of the internal
one-shot timer to match the frequency of the internal clock
or an applied external clock.
The LTC3633 can select between forced continuous mode
and high efficiency Burst Mode operation.
FEATURES
APPLICATIONS
n Distributed Power Systems
n Battery Powered Instruments
n Point of Load Power Supplies
Efficiency vs Load Current
L, LT, LTC, LTM, Burst Mode, Linear Technology and the Linear logo are registered trademarks
of Linear Technology Corporation. All other trademarks are the property of their respective
owners. Protected by U.S. Patents including 5481178, 5847554, 6580258, 6304066, 6476589,
6774611.
1
0
10
30
40
50
70
100
10000
3633 TA01b
20
80
100
90
60
10
1000
VOUT = 5V
VOUT = 3.3V
LOAD CURRENT (mA)
Burst Mode
OPERATION
VIN = 12V
RUN1
RUN2
TRACKSS2
PGOOD2
LTC3633
BOOST2
0.1μF
1.5μH
73.2k
10k
SW2
VON2
VIN2
PGND
SGND
VIN1
VFB2
PHMODE
TRACKSS1
PGOOD1
BOOST1
SW1
VON1
VFB1
22μF
VOUT2
5V AT 3A
0.1μF
1μH
45.3k
10k
22μF
VOUT1
3.3V AT 3A
VIN
3.6V TO 15V
47μF
x2
MODE/SYNC
V2P5
RT
ITH1
ITH2
INTVCC
2.2μF
3633 TA01a


Similar Part No. - LTC3633EUFD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3633 LINER-LTC3633 Datasheet
240Kb / 16P
17V, 1A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
LTC3633 LINER-LTC3633 Datasheet
627Kb / 28P
Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3633 LINER-LTC3633 Datasheet
637Kb / 28P
Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3633 LINER-LTC3633 Datasheet
406Kb / 28P
Dual Channel 3A, 15V Monolithic Synchronous Step-Down Regulator
LTC3633A LINER-LTC3633A Datasheet
240Kb / 16P
17V, 1A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
More results

Similar Description - LTC3633EUFD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3633A LINER-LTC3633A Datasheet
627Kb / 28P
Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3633A-2 LINER-LTC3633A-2 Datasheet
637Kb / 28P
Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3601 LINER-LTC3601_15 Datasheet
328Kb / 26P
1.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3633 LINER-LTC3633_15 Datasheet
406Kb / 28P
Dual Channel 3A, 15V Monolithic Synchronous Step-Down Regulator
LTC3633A LINER-LTC3633A_15 Datasheet
412Kb / 30P
Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3633A-1 LINER-LTC3633A-1_15 Datasheet
412Kb / 30P
Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3633A-2 LINER-LTC3633A-2_15 Datasheet
419Kb / 28P
Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3633A-3 LINER-LTC3633A-3_15 Datasheet
419Kb / 28P
Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3607EUD LINER-LTC3607EUD Datasheet
428Kb / 8P
Dual 600mA 15V Monolithic Synchronous Step-Down Regulator
LTC3633AEFE-3 LINER-LTC3633AEFE-3 Datasheet
542Kb / 8P
DUAL CHANNEL 3A 20V MONOLITHIC SYNCHRONOUS STEP-DOWN REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com