Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3633EUFD Datasheet(PDF) 19 Page - Linear Technology

Part # LTC3633EUFD
Description  Dual Channel 3A, 15V Monolithic Synchronous Step-Down Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3633EUFD Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC3633EUFD Datasheet HTML 15Page - Linear Technology LTC3633EUFD Datasheet HTML 16Page - Linear Technology LTC3633EUFD Datasheet HTML 17Page - Linear Technology LTC3633EUFD Datasheet HTML 18Page - Linear Technology LTC3633EUFD Datasheet HTML 19Page - Linear Technology LTC3633EUFD Datasheet HTML 20Page - Linear Technology LTC3633EUFD Datasheet HTML 21Page - Linear Technology LTC3633EUFD Datasheet HTML 22Page - Linear Technology LTC3633EUFD Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
LTC3633
19
3633f
APPLICATIONS INFORMATION
what is limiting the efficiency and which change would
produce the most improvement. Percent efficiency can
be expressed as:
% Efficiency = 100% – (L1 + L2 + L3 +…)
where L1, L2, etc. are the individual losses as a percent-
age of input power.
Although all dissipative elements in the circuit produce
losses, three main sources usually account for most of
the losses in LTC3633 circuits: 1) I2R losses, 2) switching
losses and quiescent power loss 3) transition losses and
other losses.
1. I2R losses are calculated from the DC resistances of
the internal switches, RSW, and external inductor, RL.
In continuous mode, the average output current flows
through inductor L but is “chopped” between the
internal top and bottom power MOSFETs. Thus, the
series resistance looking into the SW pin is a function
of both top and bottom MOSFET RDS(ON) and the duty
cycle (DC) as follows:
RSW = (RDS(ON)TOP)(DC) + (RDS(ON)BOT)(1 – DC)
The RDS(ON)forboththetopandbottomMOSFETscanbe
obtained from the Typical Performance Characteristics
curves. Thus to obtain I2R losses:
I2R losses = IOUT2(RSW + RL)
2. The internal LDO supplies the power to the INTVCC rail.
The total power loss here is the sum of the switching
losses and quiescent current losses from the control
circuitry.
Each time a power MOSFET gate is switched from low
to high to low again, a packet of charge dQ moves from
VIN to ground. The resulting dQ/dt is a current out of
INTVCC that is typically much larger than the DC control
bias current. In continuous mode, IGATECHG = f(QT + QB),
where QT and QB are the gate charges of the internal
top and bottom power MOSFETs and f is the switching
frequency. For estimation purposes, (QT + QB) on each
LTC3633 regulator channel is approximately 2.3nC.
To calculate the total power loss from the LDO load,
simply add the gate charge current and quiescent cur-
rent and multiply by VIN:
PLDO = (IGATECHG + IQ) • VIN
3. Other “hidden” losses such as transition loss, cop-
per trace resistances, and internal load currents can
account for additional efficiency degradations in the
overall power system. Transition loss arises from the
brief amount of time the top power MOSFET spends
in the saturated region during switch node transitions.
The LTC3633 internal power devices switch quickly
enough that these losses are not significant compared
to other sources.
Other losses, including diode conduction losses during
dead-time and inductor core losses, generally account
for less than 2% total additional loss.
Thermal Considerations
The LTC3633 requires the exposed package backplane
metal (PGND) to be well soldered to the PC board to
provide good thermal contact. This gives the QFN and
TSSOP packages exceptional thermal properties, which
are necessary to prevent excessive self-heating of the part
in normal operation.
In a majority of applications, the LTC3633 does not dis-
sipate much heat due to its high efficiency and low thermal
resistance of its exposed-back QFN package. However, in
applications where the LTC3633 is running at high ambi-
ent temperature, high VIN, high switching frequency, and
maximum output current load, the heat dissipated may
exceed the maximum junction temperature of the part. If
the junction temperature reaches approximately 150°C,
both power switches will be turned off until temperature
returns to 140°C.
To prevent the LTC3633 from exceeding the maximum
junction temperature of 125°C, the user will need to do
some thermal analysis. The goal of the thermal analysis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com