Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3633EUFD Datasheet(PDF) 20 Page - Linear Technology

Part # LTC3633EUFD
Description  Dual Channel 3A, 15V Monolithic Synchronous Step-Down Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3633EUFD Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC3633EUFD Datasheet HTML 16Page - Linear Technology LTC3633EUFD Datasheet HTML 17Page - Linear Technology LTC3633EUFD Datasheet HTML 18Page - Linear Technology LTC3633EUFD Datasheet HTML 19Page - Linear Technology LTC3633EUFD Datasheet HTML 20Page - Linear Technology LTC3633EUFD Datasheet HTML 21Page - Linear Technology LTC3633EUFD Datasheet HTML 22Page - Linear Technology LTC3633EUFD Datasheet HTML 23Page - Linear Technology LTC3633EUFD Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
LTC3633
20
3633f
APPLICATIONS INFORMATION
is to determine whether the power dissipated exceeds the
maximum junction temperature of the part. The tempera-
ture rise is given by:
TRISE = PD • θJA
As an example, consider the case when one of the regula-
tors is used in an application where VIN = 12V, IOUT = 2A,
frequency = 2MHz, VOUT = 1.8V. From the RDS(ON) graphs
in the Typical Performance Characteristics section, the top
switch on-resistance is nominally 140mΩ and the bottom
switch on-resistance is nominally 80mΩ at 70°C ambient.
The equivalent power MOSFET resistance RSW is:
R
DS(ON)TOP •
1.8V
12V
+RDS(ON)BOT •
10.2V
12V
= 89mΩ
From the previous section’s discussion on gate drive, we
estimate the total gate drive current through the LDO to be
2MHz • 2.3nC = 4.6mA, and IQ of one channel is 0.65mA
(see Electrical Characteristics). Therefore, the total power
dissipated by a single regulator is:
PD = IOUT2 • RSW + VIN • (IGATECHG + IQ)
PD = (2A)2 • (0.089Ω) + (12V) • (4.6mA + 0.65mA)
= 0.419W
Running two regulators under the same conditions would
result in a power dissipation of 0.838W. The QFN 5mm
× 4mm package junction-to-ambient thermal resistance,
θJA, is around 43°C/W. Therefore, the junction temperature
of the regulator operating in a 70°C ambient temperature
is approximately:
TJ = 0.838W • 43°C/W + 70°C = 106°C
which is below the maximum junction temperature of
125°C. With higher ambient temperatures, a heat sink
or cooling fan should be considered to drop the junc-
tion-to-ambient thermal resistance. Alternatively, the
TSSOP package may be a better choice for high power
applications, since it has better thermal properties than
the QFN package.
Remembering that the above junction temperature is
obtained from an RDS(ON) at 70°C, we might recalculate
the junction temperature based on a higher RDS(ON) since
it increases with temperature. Redoing the calculation
assuming that RSW increased 12% at 106°C yields a new
junction temperature of 109°C. If the application calls for
a higher ambient temperature and/or higher load currents,
care should be taken to reduce the temperature rise of the
part by using a heat sink or air flow.
Figure 7 is a temperature derating curve based on the
DC1347 demo board (QFN package). It can be used to
estimate the maximum allowable ambient temperature
for given DC load currents in order to avoid exceeding the
maximum operating junction temperature of 125°C.
Figure 7. Temperature Derating Curve for DC1347 Demo Circuit
Junction Temperature Measurement
The junction-to-ambient thermal resistance will vary de-
pending on the size and amount of heat sinking copper
on the PCB board where the part is mounted, as well as
the amount of air flow on the device. In order to properly
evaluate this thermal resistance, the junction temperature
needs to be measured. A clever way to measure the junction
temperature directly is to use the internal junction diode
on one of the pins (PGOOD) to measure its diode voltage
change based on ambient temperature change.
First remove any external passive component on the
PGOOD pin, then pull out 100μA from the PGOOD pin to
turn on its internal junction diode and bias the PGOOD
pin to a negative voltage. With no output current load,
measure the PGOOD voltage at an ambient temperature
of 25°C, 75°C and 125°C to establish a slope relationship
between the delta voltage on PGOOD and delta ambient
temperature. Once this slope is established, then the
junction temperature rise can be measured as a function
0
0.5
1.0
1.5
2.0
3.0
2.5
50
125
3633 F07
0
3.5
25
75
100
MAXIMUM ALLOWABLE AMBIENT
TEMPERATURE (°C)
CH2 LOAD = 0A
CH2 LOAD = 1A
CH2 LOAD = 2A
CH2 LOAD = 3A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com