Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3633EUFD Datasheet(PDF) 23 Page - Linear Technology

Part # LTC3633EUFD
Description  Dual Channel 3A, 15V Monolithic Synchronous Step-Down Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3633EUFD Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC3633EUFD Datasheet HTML 19Page - Linear Technology LTC3633EUFD Datasheet HTML 20Page - Linear Technology LTC3633EUFD Datasheet HTML 21Page - Linear Technology LTC3633EUFD Datasheet HTML 22Page - Linear Technology LTC3633EUFD Datasheet HTML 23Page - Linear Technology LTC3633EUFD Datasheet HTML 24Page - Linear Technology LTC3633EUFD Datasheet HTML 25Page - Linear Technology LTC3633EUFD Datasheet HTML 26Page - Linear Technology LTC3633EUFD Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
LTC3633
23
3633f
Figure 9. Example of Power Component Layout for QFN Package
APPLICATIONS INFORMATION
Figure 10. Example of Power Component Layout for TSSOP Package
SW2
CBOOST2
CBOOST1
SW1
VIAS TO GROUND
PLANE
VIAS TO GROUND
PLANE
VIAS TO GROUND
PLANE
VIA TO BOOST1
VIA TO BOOST2
VIA TO VON2/R4 (NOT SHOWN)
VIA TO VON1/R2 (NOT SHOWN)
VOUT2
GND
VIN
GND
VOUT1
SGND (TO NONPOWER
COMPONENTS)
3633 F09
COUT2
CIN
CIN
COUT1
L2
L1
SW1
SW2
VIAS TO GROUND
PLANE
VIAS TO GROUND
PLANE
VIAS TO GROUND
PLANE
VIA TO BOOST2
VIA TO BOOST1
VIA TO VON2 AND R4 (NOT SHOWN)
VIA TO VON1 AND R2 (NOT SHOWN)
VOUT2
VOUT1
SGND (TO NONPOWER
COMPONENTS)
3633 F10
L1
L2
COUT2
COUT1
CIN
CIN
GND
GND
VIN
CBOOST1
CBOOST2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com