Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3633EUFD Datasheet(PDF) 25 Page - Linear Technology

Part # LTC3633EUFD
Description  Dual Channel 3A, 15V Monolithic Synchronous Step-Down Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3633EUFD Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC3633EUFD Datasheet HTML 20Page - Linear Technology LTC3633EUFD Datasheet HTML 21Page - Linear Technology LTC3633EUFD Datasheet HTML 22Page - Linear Technology LTC3633EUFD Datasheet HTML 23Page - Linear Technology LTC3633EUFD Datasheet HTML 24Page - Linear Technology LTC3633EUFD Datasheet HTML 25Page - Linear Technology LTC3633EUFD Datasheet HTML 26Page - Linear Technology LTC3633EUFD Datasheet HTML 27Page - Linear Technology LTC3633EUFD Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
LTC3633
25
3633f
TYPICAL APPLICATIONS
1.2V/1.8V Buck Regulator with Coincident Tracking and 6V Input UVLO
RUN1
RUN2
RT
LTC3633
BOOST2
3633 TA03
0.1μF
L2
0.47μH
R4
10k
R3
10k
SW2
VON2
VIN2
VIN1
VFB2
BOOST1
SW1
VON1
VFB1
COUT2
68μF
VOUT2
1.2V AT 3A
0.1μF
L1
0.68μH
R6
4.99k
R1
10k
COUT1
47μF
VOUT1
1.8V AT 3A
VIN
3.6V TO 15V
C1
47μF
×2
R5
162k
R7
154k
R8
40k
TRACKSS2
R2
15k
MODE/SYNC
ITH1
ITH2
INTVCC
C2
2.2μF
V2P5
PHMODE
PGND
SGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com