Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3633EUFD Datasheet(PDF) 24 Page - Linear Technology

Part # LTC3633EUFD
Description  Dual Channel 3A, 15V Monolithic Synchronous Step-Down Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3633EUFD Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC3633EUFD Datasheet HTML 20Page - Linear Technology LTC3633EUFD Datasheet HTML 21Page - Linear Technology LTC3633EUFD Datasheet HTML 22Page - Linear Technology LTC3633EUFD Datasheet HTML 23Page - Linear Technology LTC3633EUFD Datasheet HTML 24Page - Linear Technology LTC3633EUFD Datasheet HTML 25Page - Linear Technology LTC3633EUFD Datasheet HTML 26Page - Linear Technology LTC3633EUFD Datasheet HTML 27Page - Linear Technology LTC3633EUFD Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
LTC3633
24
3633f
TYPICAL APPLICATIONS
1.2V/2.5V 4MHz Buck Regulator
RUN1
RUN2
RT
LTC3633
BOOST2
3633 TA02
0.1μF
L2
0.82μH
R4
31.6k
R3
10k
SW2
VON2
VIN2
VIN1
VFB2
BOOST1
MODE/SYNC
SW1
VON1
VFB1
COUT2
22μF
VOUT2
2.5V AT 3A
0.1μF
L1
0.47μH
R2
10k
R1
10k
COUT1
47μF
VOUT1
1.2V AT 3A
VIN
3.6V TO 15V
C1
22μF
×2
220pF
10pF
R5
80.6k
ITH2
V2P5
PHMODE
6.98k
ITH1
INTVCC
C2
2.2μF
220pF
6.98k
10pF
PGND
SGND
3.3V/1.8V Sequenced Regulator with 6V Input UVLO (VOUT1 Enabled After VOUT2)
RUN1
PGOOD2
RUN2
RT
LTC3633
BOOST2
3633 TA05
0.1μF
L2
1μH
R4
54.9k
R3
12.1k
SW2
VON2
VIN2
VIN1
VFB2
BOOST1
SW1
VON1
VFB1
COUT2
22μF
VOUT2
3.3V AT 3A
0.1μF
L1
0.68μH
R2
24.3k
R1
12.1k
COUT1
47μF
VOUT1
1.8V AT 3A
VIN
6V TO 15V
C1
47μF
×2
R5
162k
R7
154k
R8
40k
V2P5
ITH1
ITH2
INTVCC
C2
2.2μF
MODE/SYNC
PHMODE
R6
100k
PGND
SGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com