Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAC107 Datasheet(PDF) 7 Page - Pixart Imaging Inc.

Part # PAC107
Description  SINGLE-CHIP CMOS QQVGA IMAGE SENSOR with EMBEDDED TWIN-TURBO 8032 MICRO-PROCESSOR
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC107 Datasheet(HTML) 7 Page - Pixart Imaging Inc.

Back Button PAC107 Datasheet HTML 3Page - Pixart Imaging Inc. PAC107 Datasheet HTML 4Page - Pixart Imaging Inc. PAC107 Datasheet HTML 5Page - Pixart Imaging Inc. PAC107 Datasheet HTML 6Page - Pixart Imaging Inc. PAC107 Datasheet HTML 7Page - Pixart Imaging Inc. PAC107 Datasheet HTML 8Page - Pixart Imaging Inc. PAC107 Datasheet HTML 9Page - Pixart Imaging Inc. PAC107 Datasheet HTML 10Page - Pixart Imaging Inc. PAC107 Datasheet HTML 11Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
PixArt Imaging Inc.
PAC107
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
7
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.4, Aug, 2005
3. Register table of CMOS Image Sensor
Address
Name
R/W
Default
Recommended
setting
Description
Reg_0[7:0]
Pdct_id[11:4]
R
0000_0001
-
Product ID
Reg_1[7:4]
pdct_id[3:0]
R
1001
-
Product ID
Reg_1[3:0]
ver_id[3:0]
R
0000
-
Version ID
Reg_2[7:1]
Ysum_report[6:0]
R
-
-
Ysum report in AE/AG
calculation
Reg_2[0]
s_valid
R
-
-
Ysum valid flag
Reg_3[7]
RSV
-
-
-
Reserved
Reg_3[6:0]
AE_wait[6:0]
R/W
000_0001
0
Frame wait for AE/AG
calculation
Reg_4[7:4]
Ysum_hi[3:0]
R/W
1010
-
Ysum high threshold
Reg_4[3:0]
Ysum_lo[3:0]
R/W
1000
-
Ysum low threshold
Reg_5[7:6]
AE_max[1:0]
R/W
11
-
Maximum AE index in Auto
mode
Reg_5[5:1]
AG_max[4:0]
R/W
1_1111
-
Maximum Gain index in Auto
mode
Reg_5[0]
dac[8]
R/W
0
-
Sign bit of DAC
Reg_6[7:0]
dac[7:0]
R/W
0000_0000
-
Magnitude of DAC
Reg_7[7]
RSV
-
-
-
Reserved
Reg_7[6:0]
ny3[6:0]
R/W
000_1011
0
Raw exposure set #4 for AE
Reg_8[7:0]
ne3[7:0]
R/W
0101_1000
0
Fine exposure set #4 for AE
Reg_9[7]
RSV
-
-
-
Reserved
Reg_9[6:0]
ny2[6:0]
R/W
010_1000
0
Raw exposure set #3 for AE
Reg_10[7:0]
ne2[7:0]
R/W
0000_1000
0
Fine exposure set #3 for AE
Reg_11[7]
RSV
-
-
-
Reserved
Reg_11[6:0]
ny1[6:0]
R/W
100_0100
010_1011
Raw exposure set #2 for AE
Reg_12[7:0]
ne1[7:0]
R/W
1000_1101
0
Fine exposure set #2 for AE
Reg_13[7:6]
RSV
-
-
-
Reserved
Reg_13[5:0]
np[5:0]
R/W
00_0110
01_0000
pxclk = sysclk / np
Reg_14[7:0]
lpf[7:0]
R/W
0111_1101
0111_1111
Line per frame
Reg_15[7]
adc8b
R/W
0
1
1: ADC 8_bit valid
0: ADC 10_bit valid
Reg_15[6:4]
comp[2:0]
R/W
011
-
Companding curve selection
Reg_15[3:2]
cgn_B[1:0]
R/W
10
11
Color gain for Blue
Reg_15[1:0]
cgn_R[1:0]
R/W
10
01
Color gain for Red
Reg_16[7:5]
RSV
-
-
-
Reserved
Reg_16[4:0]
pga[4:0]
R/W
0_0100
-
PGA global gain
Reg_17[7]
RSV
-
-
-
Reserved
Reg_17[6:0]
ny0[6:0]
R/W
110_0001
101_0110
Raw exposure set #1 for AE
Reg_18[7:0]
ne0[7:0]
R/W
0100_0111
0
Fine exposure set #1 for AE
Reg_19[7:1]
RSV
-
-
-
Reserved
Reg_19[0]
flag
R/W
0
-
Synchronization flag for I2C
update
Reg_20[7:0]
RSV
-
1000_0000
-
Reserved
Reg_21[7]
Col_reverse
R/W
0
-
Line readout reverse
Reg_21[6:5]
Pack[1:0]
R/W
00
-
8, 4, 2, 1 bit packing selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com