| Electronic Components Datasheet Search |
|
PAC107 Datasheet(PDF) 31 Page - Pixart Imaging Inc. |
|
|
|||||||||||||||||||||||||||||
PAC107 Datasheet(HTML) 31 Page - Pixart Imaging Inc. |
|
31 / 53 page ![]() PixArt Imaging Inc. PAC107 All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission. 31 PixArt Imaging Inc. E-mail: fae_service@pixart.com.tw V1.4, Aug, 2005 modes 0,1 and 2 are same as Timer 0. Timer 1’s mode 3 is a hold-count mode. Timer 1 is controlled by high-nibble of the TMOD register and bits 7,6,3,and 2 of the TCON register. TMOD selects the method of timer gating (GATE), timer or counter operation (C/ T ), and mode of operation (M1 and M0). TCON set timer 1 control functions: overflow flag (TF1),run control (TR1),interrupt flag(IE1), and interrupt type control (IT1). For normal timer operation (GATE = 0), setting TR1 allows timer register TL1 to be incremented by the selected input. Setting GATE and TR1 allows external pin 1 INT to control timer operation. This setup can be used to make pulse width measurements. Timer 1/ Mode 0 (13-bit Timer) Mode 0 configures timer 0 as a 13-bit timer, which is set up as an 8-bit timer (TH1 register) with a modulo-32 prescalar implemented with the lower 5 bits of the TL1 register. The upper 3 bits of the TL1 register are ignored. Prescalar overflow increment the TH1 register. Timer1/ Mode 1 (16-bit Timer) Mode 1 configures timer 1 as a16-bit timer with TH1 and TL1 connected in cascade. The selected input increments TL1. Timer 1/ Mode 2 (8-bit Timer) Mode 2 configures timer 1 as an 8-bit timer (TL1 register) with automatic reload from the TH1 register on overflow. Overflow from TL1 sets overflow flag TF1 in the TCON register and reloads TL1 with the contents of TH1, which is preset by software. The reload leaves TH1 unchanged. Timer 1/ Mode3 (Halt) Placing timer in mode 3 causes it to halt and its count. This can be used to halt timer 1 when the TR1 run control bit is not available, i.e., when timer 0 is in mode 3. Timer 2 Timer 2 is a 16-bit timer/count constructed by {TH2, TL2}. The mode control T2MOD and the configure T2CON control the operation of timer 2. Operating modes: capture mode, auto-reload mode, (default) baud rate generator mode, programmable clock-out mode. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |