Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAC107 Datasheet(PDF) 37 Page - Pixart Imaging Inc.

Part # PAC107
Description  SINGLE-CHIP CMOS QQVGA IMAGE SENSOR with EMBEDDED TWIN-TURBO 8032 MICRO-PROCESSOR
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC107 Datasheet(HTML) 37 Page - Pixart Imaging Inc.

Back Button PAC107 Datasheet HTML 33Page - Pixart Imaging Inc. PAC107 Datasheet HTML 34Page - Pixart Imaging Inc. PAC107 Datasheet HTML 35Page - Pixart Imaging Inc. PAC107 Datasheet HTML 36Page - Pixart Imaging Inc. PAC107 Datasheet HTML 37Page - Pixart Imaging Inc. PAC107 Datasheet HTML 38Page - Pixart Imaging Inc. PAC107 Datasheet HTML 39Page - Pixart Imaging Inc. PAC107 Datasheet HTML 40Page - Pixart Imaging Inc. PAC107 Datasheet HTML 41Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 53 page
background image
PixArt Imaging Inc.
PAC107
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
37
PixArt Imaging Inc.
E-mail:
fae_service@pixart.com.tw
V1.4, Aug, 2005
Serial Port Signals
Function
Name
Type
Description
Multiplexed
With
TXD
O
Transmit Data.
In mode 0, TXD transmits the clock signal. In modes 1,
2,and 3,TXD transmits serial data.
P3.1
RXD
I/O
Receive Data.
In mode 0, RXD transmits and receives serial data. In
mode 1, 2,and 3, RXD receives serial data.
P3.0
Synchronous Mode (Mode 0)
Mode 0 is a half-duplex, synchronous mode, which is commonly used to expand I/O
capabilities of device with shift registers. The transmit data (TXD) pin outputs a set of
eight clock pulses which the receive data (RXD) pin transmits or receives a byte of data.
The transmission and reception are all least-significant bit (LSB) first. Shifts occurred in
the last phase (S6P2) of every peripheral cycle. Baud rate = Fosc/12.
Transmission (Mode 0)
Follow these steps to begin a transmission:
1.
Write to the SCON register, clearing bits SM0,SM1, and REN.
2.
Write 8-bit data to be transmitted to SBUF.
SUBF
(Transmit)
SCON
Write SBUF
Read SBUF
SUBF
(Receive)
Receive
Shift Register
Mode 0
Transmit
Load SBUF
Interrupt
Request
TI
RI
Serin I/O
Control
TXD
RXD
Serial Port Block Diagram
Transmit
shift Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com