| Electronic Components Datasheet Search |
|
PAC107 Datasheet(PDF) 38 Page - Pixart Imaging Inc. |
|
|
|||||||||||||||||||||||||||||
PAC107 Datasheet(HTML) 38 Page - Pixart Imaging Inc. |
|
38 / 53 page ![]() PixArt Imaging Inc. PAC107 All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission. 38 PixArt Imaging Inc. E-mail: fae_service@pixart.com.tw V1.4, Aug, 2005 At S6P2 of the following cycle, hardware shifts the LSB (D0) onto the RXD pin. At S3P1 of the next cycle, the TXD pin goes low for the first clock-signal pulse. Shifts continue every peripheral cycle. In the 9 th cycle after the write to SBUF, the MSB (D7) is on the RXD pin. At the beginning of the tenth cycle, hardware drives the RXD pin high and assert TI (S1P1) to indicate an end of transmission. Reception (Mode 0) To start a reception in mode 0, write to the SCON register. Clear SM0, SM1, and RI and set REN. Hardware executes the write to SCON in the last phase (S6P2) of a peripheral cycle. Write to SCON in the second peripheral cycle, TXD goes low at S3P1 for the first clock, and the LSB (D0) is sampled on RXD pin at S5P2. D0 bit is then shifted into the shift TXD Write to SBUF Shift RXD TI TXD Write to SBUF Shift RXD RI S3P1 S6P1 S6P2 S6P2 S6P2 S6P2 S6P2 S6P2 S6P2 S1P1 D0 D1 D2 D6 D7 S3P1 S6P1 S6P2 S6P2 S6P2 S6P2 S6P2 S6P2 S6P2 S5P2 S1P1 D0 D1 D6 D0 D7 Transmit Receive Mode 0 Timing Set REN, Clear RI |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |