Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAC107 Datasheet(PDF) 39 Page - Pixart Imaging Inc.

Part # PAC107
Description  SINGLE-CHIP CMOS QQVGA IMAGE SENSOR with EMBEDDED TWIN-TURBO 8032 MICRO-PROCESSOR
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC107 Datasheet(HTML) 39 Page - Pixart Imaging Inc.

Back Button PAC107 Datasheet HTML 35Page - Pixart Imaging Inc. PAC107 Datasheet HTML 36Page - Pixart Imaging Inc. PAC107 Datasheet HTML 37Page - Pixart Imaging Inc. PAC107 Datasheet HTML 38Page - Pixart Imaging Inc. PAC107 Datasheet HTML 39Page - Pixart Imaging Inc. PAC107 Datasheet HTML 40Page - Pixart Imaging Inc. PAC107 Datasheet HTML 41Page - Pixart Imaging Inc. PAC107 Datasheet HTML 42Page - Pixart Imaging Inc. PAC107 Datasheet HTML 43Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
PixArt Imaging Inc.
PAC107
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
39
PixArt Imaging Inc.
E-mail:
fae_service@pixart.com.tw
V1.4, Aug, 2005
register. As eight shifts at S6P2 of every peripheral cycle, the LSB (D7) is done, then
hardware asserts RI (S1P1) to indicate reception completed. Software can read the received
byte from SBUF.
Asynchronous Modes (Modes 1, 2, and 3)
Mode 1
Mode 1 is a full-duplex, asynchronous mode. The data frame consists of 10 bits. They are
one start bit, 8 data bits, and one stop bit. Serial data is transmitted via TXD pin and
received through RXD pin. When a data frame is received, the stop bit is read from RB8 bit
in SCON. The baud rate is generated by overflow of Timer 1 or Timer 2.
Mode 2 and Mode 3
Modes 2 and 3 are full-duplex, asynchronous modes. There are 11 bits per transfer frame.
They are one start bit, 8 data bits (LSB first), one programmable 9
th data bit, and one stop
bit is read from the RB8 bit in the SCON register. When transmit, the 9
th data bit is written
to TB8 bit in SCON. The 9
th data bit can be used as a command/data flag.
- In mode 2, the baud rate is programmable to 1/32 or 1/64 of the oscillator frequency.
- In mode 3, the baud rate is generated by overflow of timer 1 or timer 2.
Transmission (Modes 1, 2, 3)
Follow these steps to initiate a transmission:
1. Write to the SCON register. Select the mode with the SM0 and SM1 bits, and clear the
REN bit. For modes 2 and 3, also write the ninth bit to the TB8 bit.
2. Write the byte to be transmitted to the SBUF register. This write stars the transmission.
Reception (Modes 1, 2, 3)
To prepare for a reception, set the REN bit in the SCON register. The actual reception is
D0
D1
D2
D3
D4
D5
D6
D7
D8
Start Bit
Data Byte
Ninth Data Bit (Modes 2 and 3 only)
Stop Bit
Data Frame (Modes 1, 2, and 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com