Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT95R64 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT95R64
Description  CID Phone 8-Bit MCU with CPT
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R64 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT95R64 Datasheet HTML 2Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 3Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 4Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 5Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 6Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 7Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 8Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 9Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 82 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
DTMF Generator (Operating Temperature:
-20°Cto85°C
VTDC
DTMF Output DC Level
¾¾
0.45VDD
¾
0.7VDD
V
VTOL
DTMF Sink Current
¾ VDTMF= 0.5V
0.1
¾¾
mA
DTMF Receiver
RIN
Input Impedance (VP, VN)
5V
¾¾
10
¾
M
W
IOL3
Sink Current (EST)
5V
VOUT= 0.5V
1
2.5
¾
mA
IOH3
Source Current (EST)
5V
VOUT= 4.5V
-0.4
-0.8
¾
mA
Low-voltage Reset
VLVR1
Low Voltage Reset 1 (Note 2)
¾ Configuration option= 4.2V
3.98
4.2
4.42
V
VLVR2
Low Voltage Reset 2 (Note 2)
¾ Configuration option= 3.15V
2.98
3.15
3.32
V
VLVR3
Low Voltage Reset 3 (Note 2)
¾ Configuration option= 2.1V
1.98
2.1
2.22
V
Note:
1. Distortion: T.H.D.=20
´log
2. Vi, Vh: Row group and column group signals
3. V1, V2, ....., Vn: Harmonic signals (BW=300Hz~3500Hz)
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
General
fSYS1
System Clock 1
¾
Normal mode
32768Hz crystal oscillator
¾
3.5795
¾
MHz
Normal Mode, X2 PLL
¾
7.16
¾
MHz
Normal Mode, X3 PLL
¾
10.74
¾
MHz
Normal Mode, X4 PLL
¾
14.32
¾
MHz
fSYS2
System Clock 2
¾
Green Mode,
32768Hz crystal oscillator
¾
32
¾
kHz
tSST
System Start-up Timer Period
¾
Power-up, Reset or
wake-up from HALT
¾
1024
¾
tSYS
tLVR
Low Voltage Width to Reset
¾¾
¾
1
¾
ms
tWAKE
Wake-up Time for 32768Hz
Crystal OSC
3V
32kHz oscillator off
® on
¾¾
200
ms
tFUP
Settling Time for 32768Hz to
HCLK: PLL (Frequency Up
Conversion)
3V
32kHz oscillator is on;
HCLK oscillator off
® on
¾¾
20
ms
tS2G
Time from Sleep Mode to
Green Mode
¾ Wake-up from Sleep Mode
¾
0
¾
ms
HT95R64/HT95R65
Rev. 1.00
6
March 3, 2010
+
+2
1
8
2
2
8
2
n
8
+
2
h
8
+2
i
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com