Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT95R64 Datasheet(PDF) 63 Page - Holtek Semiconductor Inc

Part # HT95R64
Description  CID Phone 8-Bit MCU with CPT
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R64 Datasheet(HTML) 63 Page - Holtek Semiconductor Inc

Back Button HT95R64 Datasheet HTML 59Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 60Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 61Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 62Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 63Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 64Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 65Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 66Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 67Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 82 page
background image
HT95R64/HT95R65
Rev. 1.00
63
March 3, 2010
Programmable Frequency Divider (PFD) Generator
- MUSIC
A Programmable Frequency Divider function, otherwise known as PFD, is integrated within the microcontroller, providing
a means of accurate frequency generation. It is composed of two functional blocks: a prescaler and a general counter.
PFD Control Register
The overall PFD function is controlled using the PFDC register. The prescaler is controlled by the register bits, PRES0
and PRES1. The general counter is programmed by an 8-bit register PFDD. The clock source for the PFD can be se-
lected to be either the 3.58MHz/4 or the 32768Hz oscillator. To enable the PFD output, the PFDEN bit should be set to
1. When the PFD is disabled the PFDD register is inhibited to be written to. To modify the PFDD contents, the PFD must
be enabled. When the generator is disabled, the PFDD is cleared by hardware.
PFD Data Register
Bit No.
Label
R/W
Function
7~0
¾
RW
PFD data register
PFDD (2FH) Register
PFD_Output_Frequency=
Prescaler_ Output
2x(N 1)
+
, where N = the value of the PFD Data
P r e s c a l e r
P r e s c a l e r
O u t p u t
P F D D
P R E S 1 , P R E S 0
3 2 7 6 8 H z
3 . 5 8 M H z / 4
P F D E N
P F D
O u t p u t
M U S I C
B u z z e r
P F D C R e g i s t e r
b 0
N o t i m p l e m e n t e d , r e a d a s " 0 "
b 7
P F D O u t p u t E n a b l e
1 : e n a b l e
0 : d i s a b l e
P F D P r e s c a l e r S e l e c t
0 0 : P r e s c a l e r o u t p u t = P F D f r e q u e n c y s o u r c e / 1
0 1 : P r e s c a l e r o u t p u t = P F D f r e q u e n c y s o u r c e / 2
1 0 : P r e s c a l e r o u t p u t = P F D f r e q u e n c y s o u r c e / 4
1 1 : P r e s c a l e r o u t p u t = P F D f r e q u e n c y s o u r c e / 8
P F D F r e q u e n c y S o u r c e S e l e c t
1 : 3 . 5 8 M H z / 4
0 : 3 2 7 6 8 H z
F P F D
P R E S 1 P R E S 0 P F D E N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com