Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT95R64 Datasheet(PDF) 65 Page - Holtek Semiconductor Inc

Part # HT95R64
Description  CID Phone 8-Bit MCU with CPT
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R64 Datasheet(HTML) 65 Page - Holtek Semiconductor Inc

Back Button HT95R64 Datasheet HTML 61Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 62Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 63Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 64Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 65Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 66Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 67Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 68Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 69Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 82 page
background image
Configuration Options
Configuration options refer to certain options within the MCU that are programmed into the device during the program-
ming process. During the development process, these options are selected using the HT-IDE software development
tools. As these options are programmed into the device using the hardware programming tools, once they are selected
they cannot be changed later by the application software.
All options must be defined for proper system function, the details of which are shown in the table.
Name
Options
I/O Options
Wake-up PA
Port A wake-up selection.
Defines the activity of wake-up function.
All port A have the capability to wake-up the device from a Power-down condition.
This wake-up function is selected per bit.
Pull-high PA
Pull-high PC0~PC1
Pull-high PC4~PC7
Pull-high PD
Pull-high PE
Pull-high PF
Pull-high option.
This option determines whether the pull-high resistance is viable or not.
Port A pull-high option is selected per bit.
Port C pull-high option is selected per bit.
Port D pull-high option is selected per nibble.
Port E pull-high option is selected per nibble.
Port F pull-high option is selected per nibble.
Watchdog Options
CLRWDT
This option defines how to clear the WDT by instruction.
One clear instruction
® The ²CLR WDT² can clear the WDT.
Two clear instructions
® Only when both of the ²CLR WDT1² and ²CLR WDT2² have been
executed, then WDT can be cleared.
WDT
Watchdog enable/disable
WDT Clock Source
WDT clock source selection
RC
® Select the WDT OSC to be the WDT source.
T1
® Select the instruction clock to be the WDT source.
32kHz
® Select the external 32768Hz to be the WDT source.
PDF Options
PA3
Normal I/O or PFD output
PFD source
Timer0 or Timer1 overflow
LVR Options
LVR
Low Voltage Reset enable or disable
LVR Voltage
Low Voltage Reset voltage; 2.1V, 3.15V or 4.2V
SPI Options
SIM
Enable/disable
SPI_WCOL
Enable/disable
SPI_CSEN
Enable/disable, used to enable/disable (1/0) software CSEN function
I
2C Option
I
2C debounce Time
No debounce, 1 system clock debounce, 2 system clock debounce
RNIC I
2C running not using internal clock
VDDIO Options
VDDIO
disable/enable (This pin is used as GPIO/PE4 when disabled)
VDDIO
PE0 use VDD or VDDIO (when VDDIO is disabled, PE0~3 use VDD as power always)
VDDIO
PE1 use VDD or VDDIO
VDDIO
PE2 use VDD or VDDIO
VDDIO
PE3 use VDD or VDDIO
HT95R64/HT95R65
Rev. 1.00
65
March 3, 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com