Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT95R64 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT95R64
Description  CID Phone 8-Bit MCU with CPT
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R64 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT95R64 Datasheet HTML 4Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 5Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 6Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 7Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 8Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 9Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 10Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 11Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 82 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
DTMF Receiver
- Gain Setting Amplifier (fSYS= 3.5795MHz)
RIN
Input Resistance
5V
¾¾
10
¾
M
W
IIN
Input Leakage Current
5V
VSS<(WP, WN)<VDD
¾
0.1
¾mA
VOS
Offset Voltage
5V
¾¾
±25
¾
mV
PSRR
Power Supply Rejection
5V
100Hz;
-3V<VIN<+3V
¾
60
¾
dB
CMRR
Common Mode Rejection
5V
100Hz;
-3V<VIN<+3V
¾
60
¾
dB
AVO
Open Loop Gain
5V
100Hz;
-3V<VIN<+3V
¾
60
¾
dB
fT
Gain Bandwidth
5V
¾¾
1.5
¾
MHz
VOUT
Output Voltage Swing
5V
RL>100k
W¾
4.5
¾
VPP
RL
Load Resistance (GS)
5V
¾¾
50
¾
k
W
CL
Load Capacitance (GS)
5V
¾¾
100
¾
pF
VCM
Common Mode Range
5V
No load
¾
3
¾
VPP
DTMF Receiver
- Steering Control (fSYS= 3.5795MHz)
tDP
Tone Present Detection Time
5V
¾
511
14
ms
tDA
Tone Absent Detection Time
5V
¾¾
4
8.5
ms
tACC
Acceptable Tone Duration
5V
¾¾
¾
42
ms
tREJ
Rejected Tone Duration
5V
¾
20
¾¾
ms
tIA
Acceptable Inter-Digit Pause
5V
¾¾
¾
42
ms
tIR
Rejected Inter-Digit Pause
5V
¾
20
¾¾
ms
FSK Decoder
Input Sensitivity: TIP, RING
¾¾
-40
-45
¾
dBm
Transmission Rate
5V
¾
1188
1200
1212
baud
S/N
Signal to Noise Ratio
¾¾
¾
20
¾
dB
Band-pass Filter
Frequency Response
Relative to 1700Hz at 0dBm
£60Hz
550Hz
2700Hz
³3300Hz
¾¾
¾
¾
¾
¾
-64
-4
-3
-34
¾
¾
¾
¾
dB
Carrier Detect Sensitivity
¾¾
¾
-48
¾
dBm
tSUPD
Power Up to FSK Signal Set Up
Time
¾¾
15
¾¾
ms
HT95R64/HT95R65
Rev. 1.00
8
March 3, 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com