Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8148 Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8148
Description  12-bit/12MSPS CCD/CIS Analogue Front End/Digitiser
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8148 Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8148 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
WM8148
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 4.0 April 1999
11
SERIAL INTERFACE
SCK
SDI
SEN
SDO
t
SPER
t
SCKL
t
SCKH
t
SSU
t
SH
t
SCE
t
SEW
t
SEC
t
SESD
t
SCSD
t
SCSDZ
Figure 7 Serial Interface Timing
TEST CONDITIONS
AVDD = 4.75 to 5.25V, DVDD1 and DVDD2 = 2.97 to 5.25V, AGND = DGND = 0V, TA = 0 to 70
°C, MCLK = 48MHz unless
otherwise stated (AVDD denotes the voltage applied to all AVDD pins).
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
SCK period
tSPER
83.3
ns
SCK high
tSCKH
20
ns
SCK low
tSCKL
20
ns
SDI set-up time
tSSU
10
ns
SDI hold time
tSH
10
ns
SCK to SEN set-up time
tSCE
20
ns
SEN to SCK set-up time
tSEC
20
ns
SEN pulse width
tSEW
50
ns
SEN low to SDO out
tSESD
35
ns
SCK low to SDO out
tSCSD
35
ns
SCK low to SDO high impedance
tSCSDZ
25
ns
Note:
Parameters are measured at 50% of the rising/falling edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com