Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8148 Datasheet(PDF) 24 Page - Wolfson Microelectronics plc

Part # WM8148
Description  12-bit/12MSPS CCD/CIS Analogue Front End/Digitiser
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8148 Datasheet(HTML) 24 Page - Wolfson Microelectronics plc

Back Button WM8148 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 28Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
WM8148
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 4.0 April 1999
24
REGISTER RESET
RESET ON POWER UP
To set the registers to their default values, pin NRESET must be held low during power-up. If pin
OVRD is also held low, all of the registers will be set to their default values including bits SELEN and
EN which will disable all of the analogue circuitry. If pin OVRD is held high during power up with pin
NRESET held low, all of the registers will be set to their default value with the exception of EN and
RLCEXT, which will enable all of the analogue circuitry in the device.
RESET DURING OPERATION
During device operation, pulsing NRESET low will reset all of the registers depending on the polarity
of the OVRD pin as above.
The registers may also be reset by writing to bits SRES[1:0]. This allows reset of:
1)
Only the PGA Gains and Offset DAC Values registers,
2)
All registers except power-management registers SELEN, EN, and SENBL, or
3)
All registers, equivalent to the NRESET function.
REFERENCE VOLTAGES
The ADC reference voltages are derived from an internal bandgap reference, and buffered to
pins VRT and VRB, where they must be decoupled to ground. Pin VRX is driven by a similar buffer,
and also requires decoupling. The output buffer from the RLC DAC also requires decoupling at
pin VRLC.
Peak sink and source currents of the reference buffers are typically between
±1mA and ±6mA,
depending on output voltage and current polarity. This limits the slew-rate into the decoupling
capacitors on power-up. When disabled, the buffers become high-impedance (I
< 1µA), so the
decoupling capacitor voltage will not drop much during short (
< 100ms) disable durations.
DETAILED MODE TIMING DIAGRAMS
The following diagrams show Input Signal Sampling Diagrams, Output Data Timing and Reset
Sample/Clamp Positions for each mode of the WM8148.
INPUT SIGNAL SAMPLING DIAGRAMS
These diagrams show the required MCLK and VSMP (externally or internally generated) signals.
From these signals, internally generated signals VS and RS are used to sample the video and reset
levels (in CDS modes) respectively. In non-CDS modes, the reference level is sampled
simultaneously with VS. The position of the sampling point is indicated by the vertical lines which run
from the sensor output waveform to the respective VS or RS sampling points, and by the inclusion of
the arrow on the falling edge of the VS or RS pulse. Also shown is MCLK timing, which counts the
number of MCLK periods in total, and MCLK phase, which counts the number of MCLK periods
between each VSMP pulse. Note that the duration of the VSMP pulse must not include more than
one MCLK rising edge, as this will reset the phase timing. The output waveforms are included. The
position of the RS pulse is programmable, therefore the RESREF[3:0] position for each diagram has
been included.
OUTPUT DATA TIMING DIAGRAMS
The output timing diagrams are used to calculate the latency through the device, which is dependent
on the operating mode. The latency can be programmed using the DEL[1:0] bits in setup register 4.
Output timing and latency does not depend on the RESREF[3:0] control bits. As an example, Figures
26 and 27 show that a sample taken on the rising edge of MCLK at time 1, will emerge from the
device on the falling edge of MCLK at time 19, i.e. a latency of 18.5 MCLK periods (DEL = 00).
RESET SAMPLE/CLAMP POSITIONS
In CDS modes, control bits RESREF[3:0] control the position of the reset sampling point, RS, and the
clamp pulse point, CL, if reset level clamping is selected. In non-CDS modes, control bits
RESREF[3:0] control the position of CL only, if reset level clamping is selected. These diagrams
show the positions to which the sampling or clamping pulse can be adjusted for each mode. Care
must be taken to adjust the RS position to one that will ensure that the reset sample and/or clamp
point will be taken at the most appropriate moment during the reset portion of the input signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com