Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8148 Datasheet(PDF) 38 Page - Wolfson Microelectronics plc

Part # WM8148
Description  12-bit/12MSPS CCD/CIS Analogue Front End/Digitiser
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8148 Datasheet(HTML) 38 Page - Wolfson Microelectronics plc

Back Button WM8148 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 42Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 43 page
background image
WM8148
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 4.0 April 1999
38
APPLICATIONS RECOMMENDATIONS
INTRODUCTION
The WM8148 is a mixed signal device, therefore careful PCB layout is required. The following section
contains PCB layout guidelines, which are recommended for optimal performance from the WM8148,
and some typical applications circuits.
PCB LAYOUT
1)
Use separate analogue and digital power and ground planes. The analogue and digital ground
planes should be connected as close as possible to, or underneath, the WM8148.
2)
Place all supply decoupling capacitors as close as possible to their respective supply pins and
provide a low impedance path from the capacitors to the appropriate ground.
3)
Avoid noise on AGND (in particular on pins 30, 35 and 40).
4)
Avoid noise on reference pins VRT, VRB and VRX. Place the decoupling capacitors as close as
possible to these pins and provide a low impedance path from the capacitors to analogue
ground.
5)
Input signals should be screened from each other and from other sources of noise to avoid
cross talk and interference.
6)
Minimise load capacitance on digital outputs. Capacitive loads of greater than 20pF will degrade
performance. Use buffers if necessary and keep tracks short.
TYPICAL APPLICATIONS DIAGRAMS
CCDs are available in four basic types that are all compatible with the WM8148.
• Monochrome single output.
• Monochrome odd-even output.
• Colour 3 output.
• Colour 6 output.
Each of these applications is outlined in this section.
The output from a CCD sensor usually has a high impedance and must therefore be buffered
as close to the sensor as possible. The sensor manufacturers’ datasheets specify the buffer circuit
to use.
Initially, the designer must decide if CDS and Reset Level Clamping is to be used. The WM8148
supports both of these functions and Wolfson recommend using both CDS and pixel-by-pixel
clamping for optimal performance. In this case a low value a.c. coupling capacitor is required
between the sensor and the WM8148. Experiments have shown that a 100pF capacitor is the
optimum value to use, however this may vary for particular applications depending on speed of
operation and PCB layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com