Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XT3.58MBP Datasheet(PDF) 8 Page - Token Electronics Industry Co., Ltd.

Part # XT3.58MBP
Description  CERAMIC TRAP FILTERS Ceramic Trap For TV/VCR Stage
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

XT3.58MBP Datasheet(HTML) 8 Page - Token Electronics Industry Co., Ltd.

Back Button XT3.58MBP Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 12Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
XT MW Double Type Trap Filters
Ceramic Double
Trap Filters
4.5 MHz ~ 6.5 MHz
XT MW Ceramic Double Trap Filters
(Murata TPWA Series Compatible)
Preview
Trap filter is a ceramic filter passes only particular frequency.
To the contrary, Band Eliminate Filter (B. E. F.) which
blocks or attenuates particular frequency is called trap.
Sound trap for TV set is one of the famous example of B. E. F.
In TV set, video signal is used in picture amplitude circuit after
video signal detection block, ceramic resonator is insert here
and trap circuit is formed in order to eliminate sound signal
involved in video signal.
Token Double Trap Filter XT MW Series consist of 2 wafers
with 2 trap frequencies. Recommended for Multi standard set.
Features with good performance of attenuation and space saving with 3-terminal type. The characteristic of a
three-terminal ceramic trap equals two two-terminal ceramic trap. Three-terminal ceramic trap has a monolith
structure formed from 2 ceramic resonators.
Full line products meet RoHS compliant. Token will also produce devices outside these specifications to meet
specific customer requirements, please contact our sales for more information.
XTMW Double Trap Filter Quick Selection :
● Dimensions (Unit: mm): 10.0 max x 8.0 max x 4.0 max.
● XT4.47MW Cener Frequency f01:4.500MHz; Cener Frequency f02:4.724MHz;
30db min @f01& f02;
50(kHz)min@f01 30dB Att BW
● XT4.60MW Cener Frequency f01:4.500MHz; Cener Frequency f02:6.000MHz;
30db min @f01& f02;
50(kHz)min@f01 30dB Att BW
● XT5.57MW Cener Frequency f01:5.500MHz; Cener Frequency f02:5.742MHz;
30db min @f01& f02;
50(kHz)min@f01 30dB Att BW
● XT5.60MW Cener Frequency f01:5.500MHz; Cener Frequency f02:6.000MHz;
30db min @f01& f02;
50(kHz)min@f01 30dB Att BW
● XT5.65MW Cener Frequency f01:5.500MHz; Cener Frequency f02:6.500MHz;
30db min @f01& f02;
50(kHz)min@f01 30dB Att BW
● XT6.65MW Cener Frequency f01:6.000MHz; Cener Frequency f02:6.500MHz;
30db min @f01& f02;
70(kHz)min@f01 30dB Att BW
06 of 13
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com