Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XT3.58MBP Datasheet(PDF) 14 Page - Token Electronics Industry Co., Ltd.

Part # XT3.58MBP
Description  CERAMIC TRAP FILTERS Ceramic Trap For TV/VCR Stage
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

XT3.58MBP Datasheet(HTML) 14 Page - Token Electronics Industry Co., Ltd.

Back Button XT3.58MBP Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 12Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 13Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 14Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 15Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
XT MJ Chrominance Carrier trap
Dimensions
Characteristics
X4.43J
10.0max
5.0max
0.5±0.1
5.0±0.3
0.3±0.1
Frequency (MHz)
10
20
30
40
50
60
0
XT4.5MJ
4.00
4.25
4.50
4.75
5.00
Part Number
Center Frequency
(fo1)(MHz)
Attenuation
(at fo1)(dB)min
20dB Attenuation BW
(fo1)(kHz)min
XT3.58MJ
3.580
20
20
XT4.43MJ
4.430
20
40
XT4.5MJ
4.500
20
40
XT5.5MJ
5.500
20
40
XT5.74MJ
5.742
20
40
XT6.0MJ
6.000
20
40
XT6.5MJ
6.500
20
40
Note : The level at 1MHz shall be made for a reference (0dB).
12 of 13
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com