Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XT3.58MBP Datasheet(PDF) 9 Page - Token Electronics Industry Co., Ltd.

Part # XT3.58MBP
Description  CERAMIC TRAP FILTERS Ceramic Trap For TV/VCR Stage
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

XT3.58MBP Datasheet(HTML) 9 Page - Token Electronics Industry Co., Ltd.

Back Button XT3.58MBP Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 12Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 13Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
XT MW Double Type Trap Filters
Dimensions
Characteristics
10.0max
4.0max
0.5±0.1
2.5±0.3
0.3±0.1
2.5±0.3
X5.65W
Input
Ground
Output
Part Number
CenterFrequency
(fo1)(MHz)
CenterFrequency
(fo2)(MHz)
Attenuation(at
fo1)(dB)min
Attenuation(at
fo2)(dB)min
30dBAttenuation
BW(fo1)(kHz)min
XT4.47MW
4.500
4.724
30
30
50
XT4.60MW
4.500
6.000
30
30
50
XT5.57MW
5.500
5.742
30
30
50
XT5.60MW
5.500
6.000
30
30
50
XT5.65MW
5.500
6.500
30
30
50
XT6.65MW
6.000
6.500
30
30
70
Note : The level at 1MHz shall be made for a reference(0dB).
XT6.65MW
10
20
30
40
50
60
0
5.00
5.50
6.00
6.50
7.00
Frequency(MHz)
07 of 13
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com