Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XT3.58MBP Datasheet(PDF) 12 Page - Token Electronics Industry Co., Ltd.

Part # XT3.58MBP
Description  CERAMIC TRAP FILTERS Ceramic Trap For TV/VCR Stage
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

XT3.58MBP Datasheet(HTML) 12 Page - Token Electronics Industry Co., Ltd.

Back Button XT3.58MBP Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 12Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 13Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 14Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 15Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
XT MT TCeramic Triple Trap Filters
Dimensions
Characteristics
4.0max
0.3±0.1
2.5±0.3
Input
Ground
Output
2.5±0.3
0.5±0.1
10.0max
XT01MT
Part Number
Center
Frequency
(fo1)(MHz)
Center
Frequency
(fo2)(MHz)
Center
Frequency
(fo3)(MHz)
Attenuation
(at fo1)
(dB)min
Attenuation
(at fo2)
(dB)min
Attenuation
(at fo3)
(dB)min
30dB
Attenuation
BW
(fo1)(kHz)min
XT01MT
5.500
6.000
6.500
30
30
30
50
XT02MT
5.500
5.742
6.500
30
30
30
50
XT03MT
5.500
5.742
6.000
30
30
30
50
Note: The level at 1MHz shall be made for a reference (0dB).
Test Circuit
How to Order
XT02MT
P
Part Number
Package
~
RF
V.M
330Ω
50Ω
150Ω
8.2uH
50Ω
Rg
S.S.G
Back to 1st Page -Ceramic Trap Filters Triple Type (XT MT)
10 of 13
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com