Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XT3.58MBP Datasheet(PDF) 11 Page - Token Electronics Industry Co., Ltd.

Part # XT3.58MBP
Description  CERAMIC TRAP FILTERS Ceramic Trap For TV/VCR Stage
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

XT3.58MBP Datasheet(HTML) 11 Page - Token Electronics Industry Co., Ltd.

Back Button XT3.58MBP Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 12Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 13Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 14Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 15Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
XT MT TCeramic Triple Trap Filters
Ceramic Triple
Trap Filters
4.5 MHz ~ 6.5 MHz
XTMT Ceramic Triple Trap Filters
(Murata TPT Compatible)
Preview
The characteristic of a three-terminal ceramic trap equals two
two-terminal ceramic trap. Three-terminal ceramic trap has a
monolith structure formed from 2 ceramic resonators.
Trap filter is a ceramic filter passes only particular frequency.
To the contrary, Band Eliminate Filter (B. E. F.) which blocks
or attenuates particular frequency is called trap.
Sound trap for TV set is one of the famous example of
B. E. F. In TV set, video signal is used in picture amplitude
circuit after video signal detection block, ceramic resonator
is insert here and trap circuit is formed in order to eliminate
sound signal involved in video signal.
Token XT MT Ceramic Trap Filters (compatible to Murata TPT) series consist of 3 wafers with 3 trap
frequencies. Recommended for Multi standard sets.
Full line products meet RoHS compliant. Token will also produce devices outside these specifications to meet
specific customer requirements, please contact our sales for more information.
XTMT Triple Trap Filter Quick Selection :
1. Dimensions (Unit: mm): 10.0 max x 8.0 max x 4.0 max.
2. XT01MT Cener Frequency f01:5.500MHz; f02:6.000MHz; f03:6.500MHz;
30db min @f01& f02; & f03; 50(kHz)min@f01 30dB Att BW
3. XT02MT Cener Frequency f01:5.500MHz; f02:5.742MHz; f03:6.500MHz;
30db min @f01& f02; & f03; 50(kHz)min@f01 30dB Att BW
4. XT03MT Cener Frequency f01:5.500MHz; f02:5.742MHz; f03:6.000MHz;
30db min @f01& f02; & f03; 50(kHz)min@f01 30dB Att BW
Features :
1. Good performance of attenuation, three-terminals trap filter, and space saving for Multi set.
09 of 13
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com