Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XT3.58MBP Datasheet(PDF) 6 Page - Token Electronics Industry Co., Ltd.

Part # XT3.58MBP
Description  CERAMIC TRAP FILTERS Ceramic Trap For TV/VCR Stage
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

XT3.58MBP Datasheet(HTML) 6 Page - Token Electronics Industry Co., Ltd.

Back Button XT3.58MBP Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
XT MB Ceramic Trap Filters
Dimensions
10.0max
X4.5B
4.0max
0.3±0.1
2.5±0.3
2.5±0.3
0.5±0.1
Input
Ground
Output
Characteristics
XT4.5MB
Frequency (MHz)
0
10
20
30
40
50
60
4.00
4.25
4.50
4.75
5.00
Part Number
Center Frequency
(fo1)(MHz)
Attenuation
(at fo1)(dB)min
30dB Attenuation BW
(fo1)(kHz)min
XT3.58MB
3.580
25
40(25dB Att.BW)
XT4.43MB
4.430
30
50
XT4.5MB
4.500
35
70
XT5.5MB
5.500
35
90
XT5.74MB
5.742
35
90
XT6.0MB
6.000
35
90
XT6.5MB
6.500
35
90
Note: The level at 1MHz shall be made for a reference (0dB).
04 of 13
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com