Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4158 Datasheet(PDF) 7 Page - Analog Devices

Part # ADF4158
Description  Direct Modulation/Waveform Generating, 6.1 GHz Fractional-N Frequency Synthesizer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4158 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADF4158 Datasheet HTML 3Page - Analog Devices ADF4158 Datasheet HTML 4Page - Analog Devices ADF4158 Datasheet HTML 5Page - Analog Devices ADF4158 Datasheet HTML 6Page - Analog Devices ADF4158 Datasheet HTML 7Page - Analog Devices ADF4158 Datasheet HTML 8Page - Analog Devices ADF4158 Datasheet HTML 9Page - Analog Devices ADF4158 Datasheet HTML 10Page - Analog Devices ADF4158 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
ADF4158
Rev. 0 | Page 7 of 36
PIN CONFIGURATION AND PIN FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
CPGND
NOTES
1. THE LFCSP HAS AN EXPOSED PADDLE THAT MUST BE CONNECTED TO GND.
2
AGND
3
AGND
4
RFINB
5
RFINA
6
AVDD
15 DATA
16 LE
17 MUXOUT
18 SDVDD
14 CLK
13 CE
ADF4158
TOP VIEW
(Not to Scale)
Figure 4. LFCSP Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
CPGND
Charge Pump Ground. This is the ground return path for the charge pump.
2, 3
AGND
Analog Ground. This is the ground return path of the prescaler.
4
RFINB
Complementary Input to the RF Prescaler. Decouple this point to the ground plane with a small bypass capacitor,
typically 100 pF.
5
RFINA
Input to the RF Prescaler. This small-signal input is normally ac-coupled from the VCO.
6, 7, 8
AVDD
Positive Power Supply for the RF Section. Place decoupling capacitors to the digital ground plane as close as possible
to this pin. AVDD must have the same voltage as DVDD.
9
REFIN
Reference Input. This is a CMOS input with a nominal threshold of VDD/2 and an equivalent input resistance of 100 kΩ.
It can be driven from a TTL or CMOS crystal oscillator, or it can be ac-coupled.
10
DGND
Digital Ground.
11
SDGND
Digital Σ-Δ Modulator Ground. Ground return path for the Σ-Δ modulator.
12
TXDATA
Tx Data Pin. Provide data to be transmitted in FSK or PSK mode on this pin.
13
CE
Chip Enable. A logic low on this pin powers down the device and puts the charge pump output into three-state mode.
14
CLK
Serial Clock Input. This serial clock is used to clock in the serial data to the registers. The data is latched into the shift
register on the CLK rising edge. This input is a high impedance CMOS input.
15
DATA
Serial Data Input. The serial data is loaded MSB first with the three LSBs being the control bits. This input is a high
impedance CMOS input.
16
LE
Load Enable, CMOS Input. When LE is high, the data stored in the shift registers is loaded into one of the eight latches,
with the latch being selected using the control bits.
17
MUXOUT
Multiplexer Output. This pin allows either the RF lock detect, the scaled RF, or the scaled reference frequency to be
accessed externally.
18
SDVDD
Power Supply Pin for the Digital Σ-Δ Modulator. This pin should be the same voltage as AVDD. Place decoupling
capacitors to the ground plane as close as possible to this pin.
19
DVDD
Positive Power Supply for the Digital Section. Place decoupling capacitors to the digital ground plane as close as
possible to this pin. DVDD must have the same voltage as AVDD.
20 , 21
SW1, SW2
Switches for Fast Lock.
22
VP
Charge Pump Power Supply. This should be greater than or equal to VDD. In systems where VDD is 3 V, it can be set to
5.5 V and used to drive a VCO with a tuning range of up to 5.5 V.
23
RSET
Connecting a resistor between this pin and ground sets the maximum charge pump output current. The relationship
between ICP and RSET is
SET
CPmax
R
I
5
.
25
=
where:
ICPmax = 5 mA.
RSET = 5.1 kΩ.
24
CP
Charge Pump Output. When enabled, this provides ±ICP to the external loop filter, which in turn drives the external VCO.
25
EPAD
Exposed Paddle. The LFCSP has an exposed paddle that must be connected to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com