Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4158 Datasheet(PDF) 23 Page - Analog Devices

Part # ADF4158
Description  Direct Modulation/Waveform Generating, 6.1 GHz Fractional-N Frequency Synthesizer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4158 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADF4158 Datasheet HTML 19Page - Analog Devices ADF4158 Datasheet HTML 20Page - Analog Devices ADF4158 Datasheet HTML 21Page - Analog Devices ADF4158 Datasheet HTML 22Page - Analog Devices ADF4158 Datasheet HTML 23Page - Analog Devices ADF4158 Datasheet HTML 24Page - Analog Devices ADF4158 Datasheet HTML 25Page - Analog Devices ADF4158 Datasheet HTML 26Page - Analog Devices ADF4158 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
ADF4158
Rev. 0 | Page 23 of 36
DELAY REGISTER (R7) MAP
With Register R7 DB[2:0] set to [1, 1, 1], the on-chip delay
register is programmed as shown in Figure 29.
Reserved Bits
All reserved bits should be set to 0 for normal operation.
Ramp Delay Fast Lock
Setting DB18 to 1 enables the ramp delay fast-lock function.
Setting DB18 to 0 disables this function.
Ramp Delay
Setting DB17 to 1 enables the ramp delay function. Setting
DB17 to 0 disables this function.
Delay Clock Select
Setting DB16 to 0 selects the PFD clock as the delay clock.
Setting DB16 to 1 selects PFD × MOD_DIV (MOD_DIV
set by DB[14:3] in Register R2) as delay clock.
Delayed Start Enable
Setting DB15 to 1 enables delayed start. Setting DB15 to 0
disables delayed start.
12-Bit Delayed Start Word
DB[14:3] determine the delay start word. The delay start word
affects the duration of the ramp start delay.
DB31
12-BIT DELAY START WORD
RESERVED
CONTROL
BITS
DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
00
000
0000
00
00
RDF1 RD1 DC1 DSE1 DS12 DS11 DS10 DS9
DS8
DS7
DS6
DS5
C3(1) C2(1) C1(1)
DS12 DS11 .......... DS2 DS1
12-BIT DELAY START WORD
0
0
..........
0
0
0
0
0
..........
0
1
1
0
0
..........
1
0
2
0
0
..........
1
1
3
.
.
.......... .
.
.
.
.
.......... .
.
.
.
.
.......... .
.
.
1
1
..........
0
0
4092
1
1
..........
0
1
4093
1
1
..........
1
0
4094
1
1
..........
1
1
4095
DS4
DS3
DS1
DS2
DSE1
DEL START ENABLE
0
DISABLE
1
ENABLE
RDF1
RAMP DELAY FAST LOCK
0OFF
1ON
DC1
DEL CLK SEL
0PFD CLK
1
PFD × MOD_DIV CLK
RD1
RAMP DELAY
0OFF
1ON
Figure 29. Delay Register (R7) Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com