Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4158 Datasheet(PDF) 28 Page - Analog Devices

Part # ADF4158
Description  Direct Modulation/Waveform Generating, 6.1 GHz Fractional-N Frequency Synthesizer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4158 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADF4158 Datasheet HTML 24Page - Analog Devices ADF4158 Datasheet HTML 25Page - Analog Devices ADF4158 Datasheet HTML 26Page - Analog Devices ADF4158 Datasheet HTML 27Page - Analog Devices ADF4158 Datasheet HTML 28Page - Analog Devices ADF4158 Datasheet HTML 29Page - Analog Devices ADF4158 Datasheet HTML 30Page - Analog Devices ADF4158 Datasheet HTML 31Page - Analog Devices ADF4158 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
ADF4158
Rev. 0 | Page 28 of 36
Delayed Start
A delayed start can be used with two different parts to control
the start time. The idea of delayed start is shown in Figure 37.
TIME
RAMP WITH
DELAYED START
RAMP WITHOUT
DELAYED START
Figure 37. Delayed Start of Sawtooth Ramp
Example
For example, to program a delayed start with two different parts
to control the start time,
1.
Set DB15 in Register R7 to 1 to enable the delayed start of
ramp option.
2.
Set Bit DB16 in Register R7 to 0 and the 12-bit delay start
word (DB[14:3] in Register R7) to 125 to delay the ramp on
the first part is delayed by 5 μs. The delay is calculated as
follows:
Delay = TPFD × Delay Start Word
= 40 ns × 125 = 5 μs
3.
Set Bit DB16 in Register R7 to 1 and the 12-bit delay start
word (DB[14:3] in Register R7) to 125 to delay the ramp
on the second part is delayed by 125 μs. Use the following
formula for calculating the delay:
Delay = tPFD × MOD × Delay Start Word
= 40 ns × 25 × 125 = 125 μs
Eventually, the ramp must be activated as described in
Activating the Ramp section.
Delay Between Ramps
This feature adds a delay between bursts in ramp. Figure 38
shows a delay between ramps in sawtooth mode.
TIME
DELAY
Figure 38. Delay Between Ramps for Sawtooth Mode
Example
For example, to add a delay between bursts in a ramp,
1.
Set DB17 in Register R7 to 1 to enable delay between
ramps option.
2.
Set Bit DB16 in Register R7 to 0 and the 12-bit delay start
word (DB[14:3] in Register R7) to 125 to delay the ramp
by 5 μs. The delay is calculated as follows:
Delay = tPFD × Delay Start Word
= 40 ns × 125 = 5 μs
If a longer delay is needed, for example, 125 μs, Bit DB16
in Register R7 should be set to 1 and the 12-bit delay start
word (DB[14:3] in Register R7) should be set to 125. The
delay is calculated as follows
Delay = tPFD × MOD × Delay Start Word
= 40 ns × 25 × 125 = 125 μs
There is also a possibility to activate fast-lock operation for
the first period of delay. This is done by setting Bit DB18 in
Register R7 to 1. This feature is useful for sawtooth ramps to
mitigate the frequency overshoot on the transition from one
sawtooth to the next. Eventually, the ramp must be activated
as described in Activating the Ramp section.
Nonlinear Ramp Mode
The ADF4158 is capable of generating a parabolic ramp. The
output frequency is generated according to the following
equation:
fOUT(n + 1) = fOUT(n) + n × fDEV
(16)
where:
fOUT is output frequency.
fDEV is frequency deviation.
n is step number.
TIME
Figure 39. Parabolic Ramp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com